Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZADCS147 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ZADCS147
Description  12-Bit, 200ksps, ADC Family
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZADCS147 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ZADCS147 Datasheet HTML 16Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 17Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 18Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 19Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 20Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 21Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 22Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 23Page - List of Unclassifed Manufacturers ZADCS147 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
ZADCS146/147
12-Bit, 200ksps, ADC Family
Data Sheet
October 12, 2011
© 2011 Zentrum Mikroelektronik Dresden AG — Rev. 2.0
All rights reserved. The material contained herein may not be reproduced, adapted, merged, translated, stored, or used without
the prior written consent of the copyright owner. The information furnished in this publication is PRELIMINARY and subject to
changes without notice.
20 of 25
Digital Timing
In general the clock frequency at SCLK may vary from 0.1MHz to 3.2MHz. Considering all telegram pauses or
other interruptions of a continuous clock at SCLK, each conversion must be completed within 1.2ms from the
falling clock edge of the eighth bit in the Control Byte. Otherwise the signal that was captured during
sample/hold may drop to noticeable affect the conversion result. Further detailed timing information on the
digital interface is provided in Table 6 and Figure 13.
Parameter
Symbol Conditions
Min
Typ
Max
Unit
SCLK Periode
tSCLK
303.0
ns
SCLK Pulse Width High
tSCLKhigh
151.5
ns
SCLK Pulse Width Low
tSCLKlow
151.5
ns
DIN to SCLK Setup
tDinSetup
30
ns
DIN to SCLK Hold
tDinHold
10
ns
nCS Fall to SCLK Setup
tnCSSetup
30
ns
SCLK Fall to
DOUT & SSTRB Hold
tOutHold
CLoad = 20pF
10
ns
SCLK Fall to
DOUT & SSTRB Valid
tOutValid
CLoad = 20pF
40
ns
nCS Rise to
DOUT & SSTRB Disable
tOutDisable
CLoad = 20pF
10
60
ns
nCS Fall to
DOUT & SSTRB Enable
tOutEnable
CLoad = 20pF
60
ns
nCS Pulse Width High
tnCSHigh
100
ns
Table 6: Timing Characterisitics (VDD = +2.7V to + 5.25V;
OP = OPmin … OPmax)
Figure 13 Detailed Timing Diagram
nCS
SCLK
DIN
SSTRB
DOUT
t
tSCLKhigh
SCL
tSCLKlow
tDINhold
tDINsetup
tnCSSetup
tOutValid
tOutEnable
tOutEnable
tOutDisable
tOutHold
tnCSHig



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com