Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 11Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 12Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 13Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 14Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 15Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 16Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 17Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 18Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
15
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Selection
Illuminated Pushbuttons, Flush, Momentary
Complete Devices
Note
Discount Symbol: 1CD1.
Bezel
Button Color
Contact Block Configuration
Light Unit Voltage
Catalog Number
Price U.S. $
Silver
Red
NC
12–30 Vac/dc
M22-DL-R-K01-R
45.75
NC
85–264 Vac
M22-DL-R-K01-230R
45.75
2NC
12–30 Vac/dc
M22-DL-R-K02-R
56.00
2NC
85–264 Vac
M22-DL-R-K02-230R
56.00
1NO/1NC
12–30 Vac/dc
M22-DL-R-K11-R
56.00
1NO/1NC
85–264 Vac
M22-DL-R-K11-230R
56.00
Green
NO
12–30 Vac/dc
M22-DL-G-K10-G
45.75
NO
85–264 Vac
M22-DL-G-K10-230G
45.75
2NO
12–30 Vac/dc
M22-DL-G-K20-G
56.00
2NO
85–264 Vac
M22-DL-G-K20-230G
56.00
1NO/1NC
12–30 Vac/dc
M22-DL-G-K11-G
56.00
1NO/1NC
85–264 Vac
M22-DL-G-K11-230G
56.00
White
NO
12–30 Vac/dc
M22-DL-W-K10-W
45.75
NO
85–264 Vac
M22-DL-W-K10-230W
45.75
2NO
12–30 Vac/dc
M22-DL-W-K20-W
56.00
2NO
85–264 Vac
M22-DL-W-K20-230W
56.00
1NO/1NC
12–30 Vac/dc
M22-DL-W-K11-W
56.00
1NO/1NC
85–264 Vac
M22-DL-W-K11-230W
56.00
Black
Red
NC
12–30 Vac/dc
M22S-DL-R-K01-R
44.25
NC
85–264 Vac
M22S-DL-R-K01-230R
44.25
2NC
12–30 Vac/dc
M22S-DL-R-K02-R
54.50
2NC
85–264 Vac
M22S-DL-R-K02-230R
54.50
1NO/1NC
12–30 Vac/dc
M22S-DL-R-K11-R
54.50
1NO/1NC
85–264 Vac
M22S-DL-R-K11-230R
54.50
Green
NO
12–30 Vac/dc
M22S-DL-G-K10-G
44.25
NO
85–264 Vac
M22S-DL-G-K10-230G
44.25
2NO
12–30 Vac/dc
M22S-DL-G-K20-G
54.50
2NO
85–264 Vac
M22S-DL-G-K20-230G
54.50
1NO/1NC
12–30 Vac/dc
M22S-DL-G-K11-G
54.50
1NO/1NC
85–264 Vac
M22S-DL-G-K11-230G
54.50
White
NO
12–30 Vac/dc
M22S-DL-W-K10-W
44.25
NO
85–264 Vac
M22S-DL-W-K10-230W
44.25
2NO
12–30 Vac/dc
M22S-DL-W-K20-W
54.50
2NO
85–264 Vac
M22S-DL-W-K20-230W
54.50
1NO/1NC
12–30 Vac/dc
M22S-DL-W-K11-W
54.50
1NO/1NC
85–264 Vac
M22S-DL-W-K11-230W
54.50
M22-DL-G-K01-G
M22S-DL-G-K01-G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com