Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 67 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 67 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 63Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 64Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 65Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 66Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 67Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 68Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 69Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 70Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 71Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
67
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Technical Data and Specifications
Pushbuttons, Indicating Lights, Selector Switches and Emergency-Stop Operators
Momentary
Pushbuttons
Maintained
Pushbuttons
Indicating Lights,
Buzzers and
Potentiometers
Emergency-Stop
Operators
Selector
Switches
Key-Operated
Operators
Double
Pushbuttons
General
Standards
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
Lifespan, mechanical
Operations
x 106
>5
>1
—
>0.1
>0.1
>0.1
>0.2
Operating frequency
Operations/h
≥3600
≥1800
—
≥600
≥2000
≥100
≥3600
Actuating force
n
≥5
≥5—
≥50
–
—
≥5
Operating torque (screw
terminals)
Nm
———
—
≥0.3
≥0.5
—
Protection Type
IP
IP67, IP69K
IP67, IP69K
Indicating lights: IP67, 69K
Buzzers: IP40
Potentiometers: IP66
IP67, IP69K
IP66
IP66
IP66
UL Type
4X, 13
4X, 13
Indicating lights: 4X/13
Buzzers: 12
Potentiometers: 4X/13
4X, 13
4X, 13
4X, 13
4X, 13
Climatic proofing
Damp heat, constant, according to IEC 60068-2-78
Damp heat, cyclical to IEC 60068-2-30
Ambient Temperature,
Operating
°F (°C)
–13–158 (–25–70) –13–158 (–25–70) –13–158 (–25–70)
–13–158 (–25–70) –13–158 (–25–70) –13–158 (–25–70) –13–158 (–25–70)
Mounting position
As required
As required
As required
As required
As required
As required
As required
Mechanical shock
resistance to
IEC 60068-2-27
Shock duration 11 ms,
half-sinusoidal
g
>30
>30
>30
>50
>30
>30
>30
Terminal Capacities
Solid
AWG
——20-16
————
mm2
—
0.5–1.5
—
—
Stranded
AWG
—
—
20-16
————
mm2
—
0.5–1.5
—
—
Contacts
Rated impulse withstand
voltage
Uimp
Vac
—
—
4000
————
Rated insulation voltage Ui
V
—
—
2500
————
Overvoltage category/
pollution degree
—
—
III/3
————



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com