Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 50Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 51Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 52Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 53Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 54Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 55Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 56Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 57Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
54
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Product Selection
Joysticks
Components
Operators
Contact Blocks
Notes
Includes contact block mounting adapter.
For complete listing of available contact blocks, see Accessories, Pages 59–64.
Discount Symbol: 1CD1.
Joystick with Double Contact
The joystick allows the control
of up to four directions of
movement on machines.
Different variants of the
joystick have 2/4 positions
and other variants have two
settings for each position.
This allows, for example,
two-speed settings for each
direction. For this application,
a standard normally open
contact and an early-make
contact are fitted in series.
Momentary contact and
latching contact versions
are available.
Bezel
Number of
Directions
Switching
Position
Catalog Number
Price U.S. $
Silver
2-Position Horizontal
Momentary
M22-WJ2H
105.00
2 Switch Points
M22-WJ2H-2P
117.00
2-Position Horizontal
Maintained
M22-WRJ2H
105.00
2-Position Vertical
Momentary
M22-WJ2V
105.00
2 Switch Points
M22-WJ2V-2P
117.00
2-Position Vertical
Maintained
M22-WRJ2V
105.00
4-Position
Momentary
M22-WJ4
138.00
2 Switch Points
M22-WJ4-2P
150.00
4-Position
Maintained
M22-WRJ4
138.00
Black
2-Position Horizontal
Momentary
M22S-WJ2H
104.00
2 Switch Points
M22S-WJ2H-2P
116.00
2-Position Horizontal
Maintained
M22S-WRJ2H
104.00
2-Position Vertical
Momentary
M22S-WJ2V
104.00
2 Switch Points
M22S-WJ2V-2P
116.00
2-Position Vertical
Maintained
M22S-WRJ2V
104.00
4-Position
Momentary
M22S-WJ4
136.00
2 Switch Points
M22S-WJ4-2P
148.00
4-Position
Maintained
M22S-WRJ4
136.00
max.
5mm
thick
ness
Note: Included
with operator.
M22-WJ2H
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
M22-K10
0
1
0
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com