Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 20Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 21Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 22Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 23Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 24Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 25Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 26Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 27Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 89 page
background image
24
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Indicating Lights
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Indicating Lights, Flush
Complete Devices
Operators Only
Notes
Includes contact block mounting adapter.
Discount Symbol: 1CD1.
Lens Color
Light Color
Light Unit Voltage
Catalog Number
Price U.S. $
White
White
12–30 Vac/dc
M22-L-W-W
36.75
Red
Red
M22-L-R-R
36.75
Green
Green
M22-L-G-G
36.75
Yellow
White
M22-L-Y-W
36.75
Blue
Blue
M22-L-B-B
36.75
White
White
85–264 Vac/dc
M22-L-W-230W
36.75
Red
Red
M22-L-R-230R
36.75
Green
Green
M22-L-G-230G
36.75
Yellow
White
M22-L-Y-230W
36.75
Blue
Blue
M22-L-B-230B
36.75
Lens Color
Catalog Number
Price U.S. $
White
M22-L-W
10.70
Red
M22-L-R
10.70
Green
M22-L-G
10.70
Yellow
M22-L-Y
10.70
Blue
M22-L-B
10.70
Note:
Light unit should match color of lens.
Use white light unit with yellow lens.
Lens Color
W = White
R =Red
G = Green
Y = Yellow
B =Blue
M 2 2 - L –B – G B 8 –B
Operator Type
M22-L = Flush indicating light
When ordering, specify inscription per
catalog number suffix from the symbols
library (see Pages 77–84) into the Order
Notes. For example, M22-L-B-ETCH; Order
Notes: Mark with symbol X91, Line item #_.
Plate Inscription
ETCH = Custom
GB5 =OFF
GB6 =ON
GB8 = FAULT
GB15 = FORWARD
GB16 = REVERSE
Light Units
12–30 Vac/dc
W = White
R =Red
G = Green
B =Blue
85–264 Vac
230-W = White
230-R =Red
230-G = Green
230-B =Blue
M22-L-R-R
M22-L-R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com