Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 70 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 70 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 66Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 67Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 68Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 69Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 70Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 71Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 72Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 73Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 74Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 89 page
background image
70
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
ASi-S Adapter Modules
M22-ASI-S
M22-ASI-CS
Inputs
Inputs, protected against
short-circuit
Number
2 (normally 22 V/5 mA)
2 (normally 22 V/5 mA)
Voltage range
Vdc
—
—
Rated current per input
mA
—
—
High signal level
V
—
—
Low signal
mA
—
—
Length of connecting cables
cm
—
—
Outputs
Outputs, protected against
short-circuit
Number
1 (normally 19 V/8 mA)
1 (normally 19 V/8 mA)
Voltage range
Vdc
—
—
Max. Current Carrying Capacity
All outputs
—
—
S 3 external outputs
—
—
Length of connecting cables
cm
—
—
Profile
S-3.A.E
S-3.A.E
Specification
2.1
2.1
Addresses
Number
62
62
Emergency-Stop Circuits
Connection of the AS-Interface line
Yellow plug terminal with insulation
piercing
2 cables on the circuit board
Power supply
Complete from AS-Interface,
cable 26.5–31.6 Vdc
Complete from AS-Interface,
cable 26.5–31.6 Vdc
Fixing
Front mounted
Base mounted
Addressing
Via AS-Interface cable
Via AS-Interface cable
Max. total current
A
45 mA
45 mA
Ambient Temperature, Operating
°F (°C)
–13–131 (–25–55)
–13–131 (–25–55)
Shock resistance
30 g/11 ms as per IEC 60068-2-27
30 g/11 ms as per IEC 60068-2-27
Protection type
IP20
IP00
Climatic proofing
Damp heat, constant, to IEC 60068-2-78,
cyclical, to IEC 60068-2-30
Damp heat, constant, to IEC 60068-2-78,
cyclical, to IEC 60068-2-30
Mounting position
As required
As required
Standards
EN 50178
EN 50 295
EN 50178
EN 50 295
Inputs
2-channel input (22 V/5 mA) (moduled by code
sequence) (2 break contact sets M22-K01)
2-channel input (22 V/5 mA) (moduled by code
sequence) (2 break contact sets M22-K01)
Outputs
1 output, typically 19 V/8 mA,
short-circuit proof
1 output, typically 19 V/8 mA,
short-circuit proof
Status Displays
Power, AS-Interface cable
Green LED on the back
Green LED on the back
AS-Interface error,
AS-Interface master failure
Red LED on the back
Red LED on the back
Profile
S-7.B.E
S-7.B.E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com