Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 69 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 69 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 65Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 66Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 67Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 68Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 69Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 70Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 71Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 72Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 73Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
69
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Palm Switches
ASi Adapter Modules
Momentary
Maintained
FAK-R-V-KC11-I
General
Standards
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
IEC/EN 60947
VDE 0660
Lifespan, mechanical
Operations
x 106
>1
>0.1
>0.1
Operating frequency
Operations/h
≥3600
≥600
≥600
Actuating force
n
20–40
40–60
15–25
Operating torque
Nm
—
—
—
Degree of protection, IEC/EN 60529
IP
IP67, IP69K
IP67, IP69K
IP65
UL Type
4X, 13
4X, 13
4X, 13
Climatic proofing
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient Temperature, Operating
°F (°C)
–73–104 (–25–40)
–73–104 (–25–40)
–73–104 (–25–40)
Mounting position
As required
Mechanical shock resistance to
IEC 60068-2-27
Shock duration 11 ms, half-sinusoidal
g
>15
>15
>15
M22-ASI
M22-ASI-C
General
Standards
IEC/EN 60947,
DIN EN 50295
IEC/EN 60947,
DIN EN 50295
Radio interference suppression
EN 55011,
EN 55022
EN 55011,
EN 55022
Limit value class
—
—
Protection type
IP20
IP00
Climatic proofing
Damp heat, constant, to IEC 60068-2-78, cyclical, to IEC 60068-2-30
Ambient Temperature, Operating
°F (°C)
–13–131 (–25–55)
–13–131 (–25–55)
Shock resistance Shock duration 11 ms
g
>30
>30
Vibration to IEC 60068-2-27
(amplitude 1 mm)
Hz
—
—
Dimensions
mm
—
—
Weight
kg
—
—
Mounting
Front mounting
Front mounting
Mounting position
As required
As required
Power supply
Rated voltage to AS-Interface
Specification
Vdc
26.5–31.6
26.5–31.6
Connection technique
Yellow plug-in terminal as insulation piercing
terminal
2 cables on board
Power supply
Completely from the AS-Interface cable
Addressing
Via connection to AS-Interface cable
Total power consumption of
the AS-Interface
mA
≥40
≥40
AS-Interface
—
—
Rated operational current at full load
mA
—
—
Rated operational current when idle
(no I, O set)
mA
—
—
Status LEDs
POWER AS-Interface cable:
green LED on the rear side of the element
ERROR AS-Interface, AS-Interface Master
failure: red LED on the rear side of the element
POWER AS-Interface cable:
green LED on the board
ERROR AS-Interface, AS-Interface Master
failure: red LED on the board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com