Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 13Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 14Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 15Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 16Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 17Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 18Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 19Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 20Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
17
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Illuminated Pushbuttons, Flush, Momentary
Components
Button Lenses
Buttonless Operator
Light Units
Contact Blocks
Notes
For complete listing of available button lenses, light units and contact blocks, see
Accessories, Pages 59–64.
Minimum order quantity of (10).
When ordering, specify inscription per catalog number suffix from the symbols library (see
Pages 77–84) into the Order Notes. For example, M22-XDL-R-ETCH; Order Notes: Mark with
symbol X91, Line item #_.
Discount Symbol: 1CD1.
max.
5mm
thick
ness
Note: Included
with operator.
Color
Inscription
Catalog
Number
Price
U.S. $
Red
—
M22-XDL-R
1.40
Custom
M22-XDL-R-ETCH
2.40
STOP
M22-XDL-R-GB0
2.40
OFF
M22-XDL-R-GB5
2.40
M22-XDL-R-X0
2.40
Green
—
M22-XDL-G
1.40
Custom
M22-XDL-G-ETCH
2.40
START
M22-XDL-G-GB1
2.40
ON
M22-XDL-G-GB6
2.40
M22-XDL-G-X1
2.40
Blue
—
M22-XDL-B
1.40
Custom
M22-XDL-B-ETCH
2.40
RESET
M22-XDL-B-GB14
2.40
M22-XDL-B-X6
2.40
White
—
M22-XDL-W
1.40
Custom
M22-XDL-W-ETCH
2.40
Yellow
—
M22-XDL-Y
1.40
Custom
M22-XDL-Y-ETCH
2.40
Bezel
Catalog
Number
Price
U.S. $
Silver
M22-DL-X
8.30
Black
M22S-DL-X
6.80
Silver Guarded
M22-DGL-X
15.80
M22-XDL-G
M22-D-X
M22S-D-X
M22-DG-X
Terminal
Type
LED
Color
Light Unit
Voltage
Catalog
Number
Price
U.S. $
Screw
White
12–30
Vac/dc
M22-LED-W
26.00
Red
M22-LED-R
26.00
Green
M22-LED-G
26.00
Blue
M22-LED-B
26.00
Screw
White
85–264
Vac
M22-LED230-W
26.00
Red
M22-LED230-R
26.00
Green
M22-LED230-G
26.00
Blue
M22-LED230-B
26.00
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
M22-LED-W
M22-K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com