Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 39Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 40Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 41Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 42Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 43Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 44Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 45Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 46Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
43
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Key-Operated Selector Switches
Components
Contact Blocks
Extra Keys
Accessories
Notes
For complete listing of available contact blocks, see Accessories, Pages 59–64.
Plunger needed to actuate center-mounted contact blocks. Used for non-illuminated
3-position selector switches only.
Enables a keyed selector switch to be set to user-selected key withdraw position.
Discount Symbol: 1CD1.
max.
5mm
thickn
ess
Note: Included
with operator.
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
Key Code
Catalog
Number
Price
U.S. $
MS1
M22-ES-MS1
4.40
MS2
M22-ES-MS2
4.40
MS3
M22-ES-MS3
4.40
MS4
M22-ES-MS4
4.40
MS5
M22-ES-MS5
4.40
MS6
M22-ES-MS6
4.40
MS7
M22-ES-MS7
4.40
MS8
M22-ES-MS8
4.40
M22-K10
M22-ES-MS1
Description
Catalog
Number
Price
U.S. $
Plunger Bridge
M22-XW
4.00
Key Cover
M22-XWS
10.00
Key Withdraw Adapter
M22-XC-R
4.00
Coding Adapter
M22-XC-Y
4.00
M22-XC-Y
M22-XWS
M22-XC-R
M22-XW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com