Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 30Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 31Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 32Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 33Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 34Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 35Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 36Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 37Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 89 page
background image
34
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Illuminated Selector Switches
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Bezel Color
M22 = Silver
M22S = Black
Handle Type
WLK = Illuminated Knob Type
Momentary, 2-position
WLKV = Illuminated Knob Type
Momentary, V-position
WLK3 = Illuminated Knob Type
Momentary, 3-position
M 2 2 – W L K –R – K 1 0 –R
Light Units
12–30 Vac/dc
W = White
R =Red
G = Green
B =Blue
85–264 Vac
230W = White
230R =Red
230G = Green
230B =Blue
Contact Blocks
K10 =1NO
K01 =1NC
K20 =2NO
K02 =2NC
K11 = 1NO-1NC
K30 =3NO
K03 =3NC
K21 = 2NO-1NC
K12 = 1NO-2NC
Handle Color
W = White
R =Red
G = Green
Y = Yellow
B =Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com