Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 41Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 42Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 43Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 44Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 45Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 46Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 47Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 48Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
45
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Non-Illuminated Mushroom Head Pushbuttons, Momentary
Components
Mushroom Head Plates
Insertless Mushroom Head Operators
Contact Blocks
Notes
35 mm diameter mushroom head button.
Minimum order quantity of (10).
When ordering, specify inscription per catalog number suffix from the symbols library (see
Pages 77–84) into the Order Notes. For example, M22-XDP-S-ETCH; Order Notes: Mark with
symbol X91, Line item #_.
For complete listing of available contact blocks, see Accessories, Pages 59–64.
Discount Symbol: 1CD1.
Note: Included
with operator.
Color
Inscription
Catalog
Number
Price
U.S. $
Black
-—
M22-XDP-S
1.00
Custom
M22-XDP-S-ETCH
2.00
STOP
M22-XDP-S-GB0
2.00
START
M22-XDP-S-GB1
2.00
FORWARD
M22-XDP-S-GB15
2.00
REVERSE
M22-XDP-S-GB16
2.00
UP
M22-XDP-S-GB3
2.00
DOWN
M22-XDP-S-GB4
2.00
OFF
M22-XDP-S-GB5
2.00
ON
M22-XDP-S-GB6
2.00
M22-XDP-S-X0
2.00
M22-XDP-S-X1
2.00
M22-XDP-S-X4
2.00
M22-XDP-S-X5
2.00
M22-XDP-S-X7
2.00
Red
—
M22-XDP-R
1.00
Custom
M22-XDP-R-ETCH
2.00
STOP
M22-XDP-R-GB0
2.00
OFF
M22-XDP-R-GB5
2.00
M22-XDP-R-X0
2.00
Green
—
M22-XDP-G
1.00
Custom
M22-XDP-G-ETCH
2.00
START
M22-XDP-G-GB1
2.00
ON
M22-XDP-G-GB6
2.00
M22-XDP-G-X0
2.00
M22-XDP-G-X1
2.00
White
—
M22-XDP-W
1.00
Custom
M22-XDP-W-ETCH
2.00
Yellow
—
M22-XDP-Y
1.00
Custom
M22-XDP-Y-ETCH
2.00
M22-XDP-G
Bezel
Color
Catalog
Number
Price
U.S. $
Silver
Black
M22-DP-S-X
15.10
Red
M22-DP-R-X
15.10
Green
M22-DP-G-X
15.10
Yellow
M22-DP-Y-X
15.10
Black
Black
M22S-DP-S-X
13.60
Red
M22S-DP-R-X
13.60
Green
M22S-DP-G-X
13.60
Yellow
M22S-DP-Y-X
13.60
Terminal
Type
Contact
Configuration
Catalog
Number
Price
U.S. $
Screw
NO
M22-K10
10.00
NO, Early-Make
M22-K10P
11.00
NC
M22-K01
10.00
NC, Late-Break
M22-K01D
11.00
Spring-Cage
NO
M22-CK10
13.00
NC
M22-CK01
13.00
NC, Late-Break
M22-CK01D
11.00
2NO
M22-CK20
23.00
2NC
M22-CK02
23.00
NO-NC
M22-CK11
23.00
M22-DP-G-X
M22-K10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com