Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 79 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 79 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 75Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 76Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 77Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 78Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 79Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 80Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 81Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 82Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 83Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 89 page
background image
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
79
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4
Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Letter Height Specifications:
≤ 5 characters; letter height = 0.197 in. (5 mm). > 5 characters; letter height = 0.118 in. (3 mm).
Text—French
Text—Swedish
Symbols
Inscription
Catalog
Number Suffix
F0
F1
F2
F3
F4
F5
F6
F7
F8
F9
F10
F11
F12
F14
F15
F16
F17
F18
F19
F20
F67
F68
F99
Text Size: 3 mm—Max. 8 characters in 1st line;
10 characters in 2nd line; 8 characters in 3rd line.
Text Size: 5 mm—Max. 5 characters per line.
Inscription
Catalog
Number Suffix
S0
S1
S2
S3
S4
S5
S6
S7
S8
S9
S10
S11
S12
S14
S15
S16
S17
S18
S19
S20
S21
S22
S23
S32
S45
S46
S99
Inscription
Catalog
Number Suffix
X0
X1
X2
X3
X4
X5
X6
X7
X8
X9
X10
X11
X12
Inscription
Catalog
Number Suffix
X13
X14
X15
X16
X17
X18
X19
X20
X21
X22
X23
X24
X25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com