Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M22S-DR-R Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # M22S-DR-R
Description  Pushbuttons and Indicating Lights
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M22S-DR-R Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button M22S-DR-R Datasheet HTML 34Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 35Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 36Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 37Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 38Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 39Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 40Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 41Page - List of Unclassifed Manufacturers M22S-DR-R Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
38
Pushbuttons and Indicating Lights CA04716001E—March 2009
www.eaton.com
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47
47.4 Pushbuttons and Indicating Lights
M22 Modular Pushbuttons
Catalog Number Selection
Key-Operated Selector Switches
Note:
Catalog Number Selection is for illustrative purposes only and not to be used to create new catalog numbers.
Product Selection
Key-Operated Selector Switches
Components
Operators Only
Notes
Includes 1 key.
Key removal positions can be modified in the field using coding adapters; see chart on Page 66.
Includes contact block mounting adapter.
Momentary selector switches can be converted in the field to maintained operation with the removal of a color coded adapter. See Page 66.
Discount Symbol: 1CD1.
Bezel Color
M22 = Silver
M22S = Black
M 2 2 –W S – M S 2 –A 1
Key Code
Blank =MS1
MS2 =MS2
MS3 =MS3
MS4 =MS4
MS5 =MS5
MS6 =MS6
MS7 =MS7
MS8 =MS8
Handle Type
WS = 2-Position, Momentary
WS3 = 3-Position, Momentary
WRS = 2-Position, Maintained
WRS3 = 3-Position, Maintained
Key Removal Position
Refer to coding adapter assembly and
functional test guide on Page 66.
Type
Switching Position
Bezel
Key Removal Position
Key Code
Catalog Number
Price U.S. $
2-Position
Momentary
Silver
Return from Right, Key
Removable Left
MS1
M22-WS
53.50
MS2
M22-WS-MS2
53.50
MS3
M22-WS-MS3
53.50
MS4
M22-WS-MS4
53.50
MS5
M22-WS-MS5
53.50
MS6
M22-WS-MS6
53.50
MS7
M22-WS-MS7
53.50
MS8
M22-WS-MS8
53.50
Black
Return from Right, Key
Removable Left
MS1
M22S-WS
52.00
MS2
M22S-WS-MS2
52.00
MS3
M22S-WS-MS3
52.00
MS4
M22S-WS-MS4
52.00
MS5
M22S-WS-MS5
52.00
MS6
M22S-WS-MS6
52.00
MS7
M22S-WS-MS7
52.00
MS8
M22S-WS-MS8
52.00
M22-WS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com