Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 3 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 3 Page - Ericsson

  PKB4113CPI Datasheet HTML 1Page - Ericsson PKB4113CPI Datasheet HTML 2Page - Ericsson PKB4113CPI Datasheet HTML 3Page - Ericsson PKB4113CPI Datasheet HTML 4Page - Ericsson PKB4113CPI Datasheet HTML 5Page - Ericsson PKB4113CPI Datasheet HTML 6Page - Ericsson PKB4113CPI Datasheet HTML 7Page - Ericsson PKB4113CPI Datasheet HTML 8Page - Ericsson PKB4113CPI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
3 (4)
Prepared (also subject responsible if other)
No.
SEC/S Marshall Wang
Approved
Checked
Date
Rev
Reference
2013-02-07
PA1
injury to a person’s health or life).
© Ericsson AB 2013
The information and specifications in this technical
specification is believed to be correct at the time of
publication. However, no liability is accepted for
inaccuracies, printing errors or for any consequences
thereof. Ericsson AB reserves the right to change the
contents of this technical specification at any time without
prior notice.
Safety Specification
General information
Ericsson Power Modules DC/DC converters and DC/DC
regulators are designed in accordance with the safety
standards IEC 60950-1, EN 60950-1 and UL 60950-1
Safety of Information Technology Equipment.
IEC/EN/UL 60950-1 contains requirements to prevent injury
or damage due to the following hazards:
 Electrical shock
 Energy hazards
 Fire
 Mechanical and heat hazards
 Radiation hazards
 Chemical hazards
On-board DC/DC converters and DC/DC regulators are
defined as component power supplies. As components
they cannot fully comply with the provisions of any safety
requirements without “conditions of acceptability”.
Clearance between conductors and between conductive
parts of the component power supply and conductors on
the board in the final product must meet the applicable
safety requirements. Certain conditions of acceptability
apply for component power supplies with limited stand-off
(see Mechanical Information and Safety Certificate for
further information). It is the responsibility of the installer to
ensure that the final product housing these components
complies with the requirements of all applicable safety
standards and regulations for the final product.
Component power supplies for general use should comply
with the requirements in IEC/EN/UL 60950-1 Safety of
Information Technology Equipment. Product related
standards, e.g. IEEE 802.3af Power over Ethernet, and
ETS-300132-2 Power interface at the input to telecom
equipment, operated by direct current (dc) are based on
IEC/EN/UL 60950-1 with regards to safety.
Ericsson Power Modules DC/DC converters, Power
interface modules and DC/DC regulators are UL 60950-1
recognized and certified in accordance with EN 60950-1.
The flammability rating for all construction parts of the
products meet requirements for V-0 class material
according to IEC 60695-11-10, Fire hazard testing, test
flames – 50 W horizontal and vertical flame test methods.
Isolated DC/DC converters & Power interface modules
The product may provide basic or functional insulation
between input and output according to IEC/EN/UL 60950-1
(see Safety Certificate), different conditions shall be met if
the output of a basic or a functional insulated product shall
be considered as safety extra low voltage (SELV).
For basic insulated products (see Safety Certificate) the
output is considered as safety extra low voltage (SELV) if
one of the following conditions is met:
 The input source provides supplementary or double or
reinforced insulation from the AC mains according to
IEC/EN/UL 60950-1.
 The input source provides functional or basic insulation
from the AC mains and the product’s output is reliably
connected to protective earth according to
IEC/EN/UL 60950-1.
For functional insulated products (see Safety Certificate)
the output is considered as safety extra low voltage (SELV)
if one of the following conditions is met:
 The input source provides double or reinforced
insulation from the AC mains according to
IEC/EN/UL 60950-1.
 The input source provides basic or supplementary
insulation from the AC mains and the product’s output is
reliably connected to protective earth according to
IEC/EN/UL 60950-1.
 The input source is reliably connected to protective
earth and provides basic or supplementary insulation
according to IEC/EN/UL 60950-1 and the maximum
input source voltage is 60 Vdc.
Galvanic isolation between input and output is verified in an
electric strength test and the isolation voltage (Viso) meets
the voltage strength requirement for basic insulation
according to IEC/EN/UL 60950-1.
It is recommended to use a slow blow fuse at the input of
each DC/DC converter. If an input filter is used in the circuit
the fuse should be placed in front of the input filter. In the
rare event of a component problem that imposes a short
circuit on the input source, this fuse will provide the
following functions:
 Isolate the fault from the input power source so as not
to affect the operation of other parts of the system
 Protect the distribution wiring from excessive current
and power loss thus preventing hazardous overheating
Non - isolated DC/DC regulators
The DC/DC regulator output is SELV if the input source
meets the requirements for SELV circuits according to
IEC/EN/UL 60950-1.
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com