Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 1 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 1 Page - Ericsson

  PKB4113CPI Datasheet HTML 1Page - Ericsson PKB4113CPI Datasheet HTML 2Page - Ericsson PKB4113CPI Datasheet HTML 3Page - Ericsson PKB4113CPI Datasheet HTML 4Page - Ericsson PKB4113CPI Datasheet HTML 5Page - Ericsson PKB4113CPI Datasheet HTML 6Page - Ericsson PKB4113CPI Datasheet HTML 7Page - Ericsson PKB4113CPI Datasheet HTML 8Page - Ericsson PKB4113CPI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
1 (4)
Prepared (also subject responsible if other)
No.
SEC/S Marshall Wang
Approved
Checked
Date
Rev
Reference
2013-02-07
PA1
Key Features
 Industry standard low profile Eighth-brick
58.4 x 22.7 x 8.6 mm (2.3 x 0.89 x 0.34 in.)
 High efficiency, typ. 91 % at 3.3V/40A
 1500 Vdc input to output isolation
 Meets isolation requirements equivalent to basic
insulation according to IEC/EN/UL 60950
More than 2 million hours MTBF
General Characteristics
 Suited for narrow board pitch applications
(15 mm/0.6 in)
 Secondary side control for tighter regulation
 Over temperature protection
 Over current protection
 Over voltage protection
 Optional latching OVP, OCP, OTP
Monotonic startup
Start up into Pre-biased load
 Remote sense
 Remote control
 Output voltage adjust function
 Through hole and surface mount option
 Optional baseplate
 Highly automated manufacturing ensures quality
 ISO 9001/14001 certified supplier
Safety Approvals
Design for Environment
Meets requirements in high-
temperature lead-free soldering
processes.
Ericsson Internal
TABLE OF CONTENTS
1 (2)
Prepared (also subject responsible if other)
No.
SEC/S Marshall Wang
001 52-EN/LZT 146 439 Uen
Approved
Checked
Date
Rev
Reference
2011-03-29
PA1
Contents
Ordering Information
............................................................. 2
General Information
............................................................. 2
Safety Specification
............................................................. 3
Absolute Maximum Ratings
............................................................. 4
Electrical Specification
1.0 V, 50 A / 50 W
PKB 4518NC ....................................... 5
1.2 V, 60 A / 72 W
PKB 4718LC.......................................... 9
1.5 V, 60 A / 90 W
PKB 4918HC ....................................... 13
1.8 V, 60 A / 108 W
PKB 4118GC ....................................... 17
3.3 V, 40 A / 132 W
PKB 4110C.......................................... 21
5.0 V, 28 A / 140 W
PKB 4111C.......................................... 25
12 V, 12 A / 144 W
PKB 4113C.......................................... 29
EMC Specification
........................................................... 33
Operating Information
........................................................... 34
Thermal Consideration
........................................................... 36
Connections
........................................................... 37
Mechanical Information
........................................................... 38
Soldering Information
........................................................... 41
Delivery Information
........................................................... 42
Product Qualification Specification
........................................................... 43
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification


Similar Part No. - PKB4113CPI

ManufacturerPart #DatasheetDescription
logo
Ericsson
PKB4000 ERICSSON-PKB4000 Datasheet
1Mb / 46P
DC/DC converters, Input 36-75 V, Output 30 A/90 W
logo
Flex Power Modules. FLE...
PKB4000D FLEX-PKB4000D Datasheet
2Mb / 28P
Fully regulated DC-DC Converters
July 2019
PKB4213D FLEX-PKB4213D Datasheet
2Mb / 28P
Fully regulated DC-DC Converters
July 2019
PKB4213DPI FLEX-PKB4213DPI Datasheet
2Mb / 28P
Fully regulated DC-DC Converters
July 2019
PKB4217ND FLEX-PKB4217ND Datasheet
2Mb / 28P
Fully regulated DC-DC Converters
July 2019
More results

Similar Description - PKB4113CPI

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2850 RFMD-RF2850 Datasheet
171Kb / 6P
DIRECT QUADRATURE MODULATOR
logo
Texas Instruments
TRF371109 TI1-TRF371109 Datasheet
1Mb / 47P
Direct Downconversion Receiver
logo
Analog Devices
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Systemsensor advanced i...
A05-0194 SYSTEMSENSOR-A05-0194 Datasheet
283Kb / 4P
400 Series Direct-Wire Photoelectronic Smoke Detector
logo
International Rectifier
AN-1126 IRF-AN-1126 Datasheet
61Kb / 3P
Mounting M3G Series Converters
logo
Beijing Yaohuadechang E...
TA8348D-200 YHDC-TA8348D-200 Datasheet
962Kb / 1P
Direct current transformer
TA8349D-200 YHDC-TA8349D-200 Datasheet
593Kb / 1P
Direct current transformer
logo
Hongfa Technology
HFE80V-200 HONGFA-HFE80V-200 Datasheet
118Kb / 5P
DIRECT CURRENT RELAY
HFE82V-120 HONGFA-HFE82V-120 Datasheet
87Kb / 5P
DIRECT CURRENT RELAY
logo
Mallory Sonalert Produc...
J-NUT MSPI-J-NUT Datasheet
31Kb / 1P
Direct Mount Nut
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com