Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 2 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 2 Page - Ericsson

  PKB4113CPI Datasheet HTML 1Page - Ericsson PKB4113CPI Datasheet HTML 2Page - Ericsson PKB4113CPI Datasheet HTML 3Page - Ericsson PKB4113CPI Datasheet HTML 4Page - Ericsson PKB4113CPI Datasheet HTML 5Page - Ericsson PKB4113CPI Datasheet HTML 6Page - Ericsson PKB4113CPI Datasheet HTML 7Page - Ericsson PKB4113CPI Datasheet HTML 8Page - Ericsson PKB4113CPI Datasheet HTML 9Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
2 (4)
Prepared (also subject responsible if other)
No.
SEC/S Marshall Wang
Approved
Checked
Date
Rev
Reference
2013-02-07
PA1
Ordering Information
Product program
Output
PKB 4518NC
1.0 V, 50 A / 50 W
PKB 4718LC
1.2 V, 60 A / 72 W
PKB 4918HC
1.5 V, 60 A / 90 W
PKB 4118GC
1.8 V, 60 A / 108 W
PKB 4110C
3.3 V, 40 A / 132 W
PKB 4111C
5.0 V, 28 A / 140 W
PKB 4113C
12 V, 12 A / 144 W
Product number and Packaging
PKB 4XXXX n1n2n3n4
Options
n1
n2
n3
n4
n5
n6
n7
Mounting
Remote Control logic
Latching protection
Stand-off
Baseplate
Lead length
Delivery package information
Options
Description
n1
n2
n3
n4
n5
n6
n7
PI
SI
P
LI
LT
LV
LP
LIT
LIV
LPA
M
HS
LA
LB
LC
/B
Through hole
Surface mount
Negative *
Positive
Latching OCP
Latching OTP
Latching OVP
Latching OTP and OVP
Latching OCP and OTP
Latching OCP and OVP
All protection features latching
Increased Stand-off
Baseplate
5.30 mm *
3.69 mm
4.57 mm
2.79 mm
Tray
Example a through-hole mounted, positive logic, short pin, 3.3V baseplated
product with Latching OCP and tray packaging would be PKB 4110C
PIPLIHSLA/B.
Increased stand-off LA, LB and LC pin will be cut-pins.
* Standard variant (i.e. no option selected).
General Information
Reliability
The failure rate (
) and mean time between failures
(MTBF= 1/
) is calculated at max output power and an
operating ambient temperature (TA) of +40°C. Ericsson
Power Modules uses Telcordia SR-332 Issue 2 Method 1 to
calculate the mean steady-state failure rate and standard
deviation (
).
Telcordia SR-332 Issue 2 also provides techniques to
estimate the upper confidence levels of failure rates based
on the mean and standard deviation.
Mean steady-state failure
Std. deviation,
390 nFailures/h
45.2 nFailures/h
MTBF (mean value) for the PKB-C series = 2.6 Mh.
MTBF at 90% confidence level = 2.2 Mh
Compatibility with RoHS requirements
The products are compatible with the relevant clauses and
requirements of the RoHS directive 2011/65/EU and have a
maximum concentration value of 0.1% by weight in
homogeneous materials for lead, mercury, hexavalent
chromium, PBB and PBDE and of 0.01% by weight in
homogeneous materials for cadmium.
Exemptions in the RoHS directive utilized in Ericsson
Power Modules products are found in the Statement of
Compliance document.
Ericsson Power Modules fulfills and will continuously fulfill
all its obligations under regulation (EC) No 1907/2006
concerning the registration, evaluation, authorization and
restriction of chemicals (REACH) as they enter into force
and is through product materials declarations preparing for
the obligations to communicate information on substances
in the products.
Quality Statement
The products are designed and manufactured in an
industrial environment where quality systems and methods
like ISO 9000, Six Sigma, and SPC are intensively in use to
boost the continuous improvements strategy. Infant
mortality or early failures in the products are screened out
and they are subjected to an ATE-based final test.
Conservative design rules, design reviews and product
qualifications, plus the high competence of an engaged
work force, contribute to the high quality of the products.
Warranty
Warranty period and conditions are defined in Ericsson
Power Modules General Terms and Conditions of Sale.
Limitation of Liability
Ericsson Power Modules does not make any other
warranties, expressed or implied including any warranty of
merchantability or fitness for a particular purpose
(including, but not limited to, use in life support
applications, where malfunctions of product can cause
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com