Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 18 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 18 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 14Page - Ericsson PKB4113CPI Datasheet HTML 15Page - Ericsson PKB4113CPI Datasheet HTML 16Page - Ericsson PKB4113CPI Datasheet HTML 17Page - Ericsson PKB4113CPI Datasheet HTML 18Page - Ericsson PKB4113CPI Datasheet HTML 19Page - Ericsson PKB4113CPI Datasheet HTML 20Page - Ericsson PKB4113CPI Datasheet HTML 21Page - Ericsson PKB4113CPI Datasheet HTML 22Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
16 (31)
Prepared (also subject responsible if other)
No.
ESHUHAN
2/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-18
H
1.8 V/60 A Typical Characteristics
PKB 4118GC PI
Efficiency
Power Dissipation
70
75
80
85
90
95
0
1020
3040
5060 [A]
[% ]
36 V
48 V
53 V
75 V
0
2
4
6
8
10
12
14
16
0
1020
304050
60 [A]
[W]
36 V
48 V
53 V
75 V
Efficiency vs. load current and input voltage at Tp1 = +25C
Dissipated power vs. load current and input voltage at
Tp1 = +25°C
Output Characteristics
Current Limit Characteristics
1.720
1.760
1.800
1.840
1.880
1.920
0
10
203040
5060 [A]
[V]
36 V
48 V
53 V
75 V
0.54
0.96
1.38
1.80
2.22
60
63
66
69
72
7 5 [A]
[V]
36 V
48 V
53 V
75 V
Output voltage vs. load current at Tp1 = +25°C
Output voltage vs. load current at IO > max IO , Tp1 = +25°C
When reaching 30% of nominal output voltage the converter will
go into hic-up mode.
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com