Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 23 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 23 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 19Page - Ericsson PKB4113CPI Datasheet HTML 20Page - Ericsson PKB4113CPI Datasheet HTML 21Page - Ericsson PKB4113CPI Datasheet HTML 22Page - Ericsson PKB4113CPI Datasheet HTML 23Page - Ericsson PKB4113CPI Datasheet HTML 24Page - Ericsson PKB4113CPI Datasheet HTML 25Page - Ericsson PKB4113CPI Datasheet HTML 26Page - Ericsson PKB4113CPI Datasheet HTML 27Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
21 (31)
Prepared (also subject responsible if other)
No.
ESHUHAN
2/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-18
H
3.3 V/40 A Typical Characteristics
PKB 4110C PI
Start-up
Shut-down
Start-up enabled by connecting VI at:
Tp1 = +25°C, VI = 53 V,
IO = 40 A resistive load.
Top trace: output voltage (1 V/div.).
Bottom trace: input voltage (25 V/div.).
Time scale: (5 ms/div.).
Shut-down enabled by disconnecting VI at:
Tp1 = +25°C, VI = 53 V,
IO = 40 A resistive load.
Top trace: output voltage (1 V/div.).
Bottom trace: input voltage (50 V/div.).
Time scale: (0.1 ms/div.).
Output Ripple & Noise
Output Load Transient Response
Output voltage ripple at:
Tp1 = +25°C, VI = 53 V,
IO = 40 A resistive load.
Trace: output voltage (20mV/div.).
Time scale: (2 µs/div.).
Output voltage response to load current step-
change (10-30-10 A) at:
Tp1 =+25°C, VI = 53 V.
Top trace: output voltage (200mV/div.).
Bottom trace: load current (20 A/div.).
Time scale: (0.1 ms/div.).
Output Voltage Adjust (see operating information)
Passive adjust
The resistor value for an adjusted output voltage is calculated by
using the following equations:
Output Voltage Adjust Upwards, Increase:
 


%
%
2
100
%
225
.
1
%
100
3
.
3
11
.
5
Radj
k
Example: Increase 4% =>Vout = 3.43 Vdc
 


4
4
2
100
4
225
.
1
4
100
3
.
3
11
.
5
k
= 220 k
Output Voltage Adjust Downwards, Decrease:


2
%
100
11
.
5
Radj
k
Example: Decrease 2% =>Vout = 3.23 Vdc


2
2
100
11
.
5
k
= 245 k
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com