Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 13 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 13 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 9Page - Ericsson PKB4113CPI Datasheet HTML 10Page - Ericsson PKB4113CPI Datasheet HTML 11Page - Ericsson PKB4113CPI Datasheet HTML 12Page - Ericsson PKB4113CPI Datasheet HTML 13Page - Ericsson PKB4113CPI Datasheet HTML 14Page - Ericsson PKB4113CPI Datasheet HTML 15Page - Ericsson PKB4113CPI Datasheet HTML 16Page - Ericsson PKB4113CPI Datasheet HTML 17Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
11 (31)
Prepared (also subject responsible if other)
No.
ESHUHAN
2/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-18
H
1.5 V/60 A Electrical Specification
PKB 4918HC PI
Tp1 = -40 to +90ºC, VI = 36 to 75 V, sense pins connected to output pins unless otherwise specified under Conditions.
Typical values given at: Tp1 = +25°C, VI= 53 V, max IO , unless otherwise specified under Conditions.
Characteristics
Conditions
min
typ
max
Unit
VI
Input voltage range
36
75
V
VIoff
Turn-off input voltage
Decreasing input voltage
29
32
35
V
VIon
Turn-on input voltage
Increasing input voltage
30
33
36
V
CI
Internal input capacitance
1
μF
PO
Output power
0
90
W
η
Efficiency
50 % of max IO
88
%
max IO
87
50 % of max IO , VI = 48 V
88.5
max IO , VI = 48 V
87
Pd
Power Dissipation
max IO
14.1
15.9
W
Pli
Input idling power
IO = 0 A, VI = 53 V
3.2
W
PRC
Input standby power
VI = 53 V (turned off with RC)
99
mW
fs
Switching frequency
0-100 % of max IO
250
kHz
VOi
Output voltage initial setting and
accuracy
Tp1 = +25°C, VI = 53 V, IO = 60 A
1.47
1.5
1.53
V
VO
Output adjust range
See operating information
1.20
1.65
V
Output voltage tolerance band
10-100% of max IO
1.47
1.53
V
Idling voltage
IO = 0 A
1.47
1.53
V
Line regulation
max IO
1
5
mV
Load regulation
VI = 53 V, 1-100% of max IO
10
15
mV
Vtr
Load transient
voltage deviation
VI = 53 V, Load step 25-75-25 % of
max IO, di/dt = 1 A/μs,
see Note 1
±180
mV
ttr
Load transient recovery time
110
µs
tr
Ramp-up time
(from 10
−90 % of V
Oi)
10-100% of max IO,
Tp1 = 25ºC, VI = 53 V
8
11
ms
ts
Start-up time
(from VI connection to 90% of VOi)
13
18
ms
tf
Vin shutdown fall time
(from VI off to 10% of VO)
max IO
21
µs
IO = 0.2 A
48
ms
tRC
RC start-up time
max IO
12
ms
RC shutdown fall time
(from RC off to 10% of VO)
max IO
10
µs
IO = 0.2 A
48
ms
IO
Output current
0
60
A
Ilim
Current limit threshold
VO = 1.4V, Tp1 < max Tp1
64
66
68
A
Isc
Short circuit current
Tp1 = 25ºC, VO < 0.2V, see Note 2
70
A
VOac
Output ripple & noise
See ripple & noise section,
max IO, VOi
40
120
mVp-p
OVP
Over voltage protection
Tp1 = +25°C, VI = 53 V, 10-100% of
max IO
1.95
V
Note 1: Output filter according to Ripple & Noise section.
Note 2: RMS current in hiccup mode.
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com