Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 34 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 34 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 30Page - Ericsson PKB4113CPI Datasheet HTML 31Page - Ericsson PKB4113CPI Datasheet HTML 32Page - Ericsson PKB4113CPI Datasheet HTML 33Page - Ericsson PKB4113CPI Datasheet HTML 34Page - Ericsson PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson PKB4113CPI Datasheet HTML 38Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
2 (6)
Prepared (also subject responsible if other)
No.
ESHUHAN
3/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-13
C
Operating information
Input Voltage
The input voltage range 36 to 75Vdc meets the requirements
of the European Telecom Standard ETS 300 132-2 for normal
input voltage range in –48 and –60 Vdc systems, -40.5 to -
57.0 V and –50.0 to -72 V respectively.
At input voltages exceeding 75 V, the power loss will be higher
than at normal input voltage and Tp1 must be limited to
absolute max +90°C. The absolute maximum continuous input
voltage is 80 Vdc.
Turn-off Input Voltage
The DC/DC converters monitor the input voltage and will turn
on and turn off at predetermined levels.
The minimum hysteresis between turn on and turn off input
voltage is 1V.
Remote Control (RC)
The products are fitted with a
remote control function referenced
to the primary negative input
connection (- In), with negative and
positive logic options available. The
RC function allows the converter to
be turned on/off by an external
device like a semiconductor or
mechanical switch. The RC pin has
an internal pull up resistor to + In.
The maximum required sink current is 1 mA. When the RC pin
is left open, the voltage generated on the RC pin is
4 – 6 V. The second option is “positive logic” remote control,
which can be ordered by adding the suffix “P” to the end of the
part number. The converter will turn on when the input voltage
is applied with the RC pin open. Turn off is achieved by
connecting the RC pin to the - In. To ensure safe turn off the
voltage difference between RC pin and the - In pin shall be
less than 1V. The converter will restart automatically when this
connection is opened.
See Design Note 021 for detailed information.
Input and Output Impedance
The impedance of both the input source and the load will
interact with the impedance of the DC/DC converter. It is
important that the input source has low characteristic
impedance. The converters are designed for stable operation
without external capacitors connected to the input or output.
The performance in some applications can be enhanced by
addition of external capacitance as described under External
Decoupling Capacitors. If the input voltage source contains
significant inductance, the addition of a 100 µF capacitor
across the input of the converter will ensure stable operation.
The capacitor is not required when powering the DC/DC
converter from an input source with an inductance below
10 µH.
External Decoupling Capacitors
When powering loads with significant dynamic current
requirements, the voltage regulation at the point of load can
be improved by addition of decoupling capacitors at the load.
The most effective technique is to locate low ESR ceramic
and electrolytic capacitors as close to the load as possible,
using several parallel capacitors to lower the effective ESR.
The ceramic capacitors will handle high-frequency dynamic
load changes while the electrolytic capacitors are used to
handle low frequency dynamic load changes. Ceramic
capacitors will also reduce any high frequency noise at the
load.
It is equally important to use low resistance and low
inductance PCB layouts and cabling.
External decoupling capacitors will become part of the control
loop of the DC/DC converter and may affect the stability
margins. As a “rule of thumb”, 100 µF/A of output current can
be added without any additional analysis. The ESR of the
capacitors is a very important parameter. Power Modules
guarantee stable operation with a verified ESR value of >10
m
across the output connections.
 
For further information please contact your local Ericsson
Power Modules representative.
Output Voltage Adjust (Vadj)
The DC/DC converters have an Output Voltage Adjust pin
(Vadj). This pin can be used to adjust the output voltage above
or below Output voltage initial setting.
When increasing the output voltage, the voltage at the output
pins (including any remote sense compensation ) must be
kept below the threshold of the over voltage protection, (OVP)
to prevent the converter from shutting down. At increased
output voltages the maximum power rating of the converter
remains the same, and the max output current must be
decreased correspondingly.
To increase the voltage the resistor should be connected
between the Vadj pin and +Sense pin. The resistor value of the
Output voltage adjust function is according to information
given under the Output section for the respective product.
To decrease the output voltage, the resistor should be
connected between the Vadj pin and –Sense pin.
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com