Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 16 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 16 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 12Page - Ericsson PKB4113CPI Datasheet HTML 13Page - Ericsson PKB4113CPI Datasheet HTML 14Page - Ericsson PKB4113CPI Datasheet HTML 15Page - Ericsson PKB4113CPI Datasheet HTML 16Page - Ericsson PKB4113CPI Datasheet HTML 17Page - Ericsson PKB4113CPI Datasheet HTML 18Page - Ericsson PKB4113CPI Datasheet HTML 19Page - Ericsson PKB4113CPI Datasheet HTML 20Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
14 (31)
Prepared (also subject responsible if other)
No.
ESHUHAN
2/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-18
H
1.5 V/60 A Typical Characteristics
PKB 4918HC PI
Output Current Derating – Open frame
0
10
20
30
40
50
60
0
20406 0
8 0
100 [°C]
[A]
3.0 m/ s
2.0 m/ s
1.5 m/ s
1.0 m/ s
Nat. Conv.
Available load current vs. ambient air temperature and airflow at
VI = 53 V. See Thermal Consideration section.
Output Current Derating – Base plate
Thermal Resistance – Base plate
0
15
30
45
60
0
20
40
60
80
100
120 [°C]
[A]
3.0 m/ s
2.0 m/ s
1.5 m/ s
1.0 m/ s
Nat. Conv.
0
2
4
6
8
10
0.0
0.5
1.0
1.5
2.0
2.5
3.0
[m/ s]
[°C/ W]
Available load current vs. ambient air temperature and airflow at
VI = 53 V. See Thermal Consideration section.
Thermal resistance vs. airspeed measured at the converter. Tested in wind tunnel
with airflow and test conditions as per
the Thermal consideration section.
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com