Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 33 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 33 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 29Page - Ericsson PKB4113CPI Datasheet HTML 30Page - Ericsson PKB4113CPI Datasheet HTML 31Page - Ericsson PKB4113CPI Datasheet HTML 32Page - Ericsson PKB4113CPI Datasheet HTML 33Page - Ericsson PKB4113CPI Datasheet HTML 34Page - Ericsson PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
1 (6)
Prepared (also subject responsible if other)
No.
ESHUHAN
3/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-13
C
EMC Specification
Conducted EMI measured according to EN55022, CISPR 22
and FCC part 15J (see test set-up). See Design Note 009 for
further information. The fundamental switching frequency is
250 kHz for PKB 4111C @ VI = 53 V, max IO.
Conducted EMI Input terminal value (typ)
EMI without filter
External filter (class B)
Required external input filter in order to meet class B in
EN 55022, CISPR 22 and FCC part 15J.
PKB-C
-
+
R
C1
C2
C4
C5
C6
C3
1
2
L2
1
2
L1
1
2
Filter
components:
C1,2,3 = 1
μF
C4,5 = 2.2 nF
C6 = 100 uF
electrolytic
L1 = 590
μH
L2 = 5.6
μH
EMI with filter
Test set-up
Layout recommendation
The radiated EMI performance of the DC/DC converter will
depend on the PCB layout and ground layer design.
It is also important to consider the stand-off of the DC/DC
converter.
If a ground layer is used, it should be connected to the output
of the DC/DC converter and the equipment ground or chassis.
A ground layer will increase the stray capacitance in the PCB
and improve the high frequency EMC performance.
Output ripple and noise
Output ripple and noise measured according to figure below.
See Design Note 022 for detailed information.
Output ripple and noise test setup
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com