Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 43 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 43 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson PKB4113CPI Datasheet HTML 38Page - Ericsson PKB4113CPI Datasheet HTML 39Page - Ericsson PKB4113CPI Datasheet HTML 40Page - Ericsson PKB4113CPI Datasheet HTML 41Page - Ericsson PKB4113CPI Datasheet HTML 42Page - Ericsson PKB4113CPI Datasheet HTML 43Page - Ericsson  
Zoom Inzoom in Zoom Outzoom out
 43 / 43 page
background image
Ericsson Internal
PROD. SPECIFICATION MECHANICAL
3 (4)
Prepared (also subject responsible if other)
No.
MICJAN
5/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
MPM/BK/P [Natalie Johansson]
See §1
2007-05-29
B
Product Qualification Specification
Characteristics
External visual inspection
IPC-A-610
Change of temperature
(Temperature cycling)
IEC 60068-2-14 Na
Temperature range
Number of cycles
Dwell/transfer time
-40 to +100°C
1000
15 min/0-1 min
Cold (in operation)
IEC 60068-2-1 Ad
Temperature TA
Duration
-45°C
72 h
Damp heat
IEC 60068-2-67 Cy
Temperature
Humidity
Duration
+85°C
85 % RH
1000 hours
Dry heat
IEC 60068-2-2 Bd
Temperature
Duration
+125°C
1000 h
Electrostatic discharge
susceptibility
IEC 61340-3-1, JESD 22-A114
IEC 61340-3-2, JESD 22-A115
Human body model (HBM)
Machine Model (MM)
Class 2, 2000 V
Class 3, 200 V
Immersion in cleaning solvents
IEC 60068-2-45 XA
Method 2
Water
Glycol ether
Isopropyl alcohol
+55°C
+35°C
+35°C
Mechanical shock
IEC 60068-2-27 Ea
Peak acceleration
Duration
100 g
6 ms
Moisture reflow sensitivity
1
J-STD-020C
Level 1 (SnPb-eutectic)
Level 3 (Pb Free)
225°C
260°C
Operational life test
MIL-STD-202G method 108A
Duration
1000 h
Resistance to soldering heat
2
IEC 60068-2-20 Tb
Method 1A
Solder temperature
Duration
270°C
10-13 s
Robustness of terminations
IEC 60068-2-21 Test Ua1
IEC 60068-2-21 Test Ue1
Through hole mount products
Surface mount products
All leads
All leads
Solderability
IEC 60068-2-58 test Td
1
IEC 60068-2-20 test Ta
2
Preconditioning
Temperature, SnPb Eutectic
Temperature, Pb-free
Preconditioning
Temperature, SnPb Eutectic
Temperature, Pb-free
150°C dry bake 16 h
215°C
235°C
Steam ageing
235°C
245°C
Vibration, broad band random
IEC 60068-2-64 Fh, method 1
Frequency
Spectral density
Duration
10 to 500 Hz
0.07 g
2/Hz
10 min in each perpendicular
direction
Note 1: Only for products intended for reflow soldering (surface mount products)
Note 2: Only for products intended for wave soldering (plated through hole products)
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com