Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 36 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 36 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 32Page - Ericsson PKB4113CPI Datasheet HTML 33Page - Ericsson PKB4113CPI Datasheet HTML 34Page - Ericsson PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson PKB4113CPI Datasheet HTML 38Page - Ericsson PKB4113CPI Datasheet HTML 39Page - Ericsson PKB4113CPI Datasheet HTML 40Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
4 (6)
Prepared (also subject responsible if other)
No.
ESHUHAN
3/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-13
C
Thermal Consideration
General
The converters are designed to operate in different thermal
environments and sufficient cooling must be provided to
ensure reliable operation.
Cooling is achieved mainly by conduction, from the pins to the
host board, and convection, which is dependant on the airflow
across the converter. Increased airflow enhances the cooling
of the converter.
The Output Current Derating graph found in the Output section
for each model provides the available output current vs.
ambient air temperature and air velocity at Vin = 53 V.
The DC/DC converter is tested on a 254 x 254 mm,
35 µm (1 oz), 8-layer test board mounted vertically in a wind
tunnel with a cross-section of 305 x 305 mm.
Proper cooling of the DC/DC converter can be verified by
measuring the temperature at positions P1 or P2 ( see note 1).
The temperature at these positions should not exceed the max
values provided in the table below.
See Design Note 019 for further information.
Position
Device
Designation
max value
P1
Mosfet
Tp1
125º C
P2
Ind. core
Tp2
125º C
P2
P1
Thermal Consideration continued
The PKB4000C series DC/DC converters can be ordered with
a heatsink (HS) option. The HS option is intended to be
mounted on a cold wall or heatsink to transfer heat away from
the converter and further improve the cooling of the converter.
Definition of reference temperature (Tp1)
The reference temperature is used to monitor the temperature
limits of the product. Temperatures above maximum Tp1 are
not allowed and may cause degradation or permanent damage
to the product. Tp1 is also used to define the temperature
range for normal operating conditions.
Tp1 is defined by the design and used to guarantee safety
margins, proper operation and high reliability of the module.
Ambient Temperature Calculation
By using the thermal resistance the maximum allowed ambient
temperature can be calculated.
1. The power loss is calculated by using the formula
((1/
η) - 1) × output power = power losses (Pd).
η = efficiency of converter. E.g. 89.5 % = 0.895
2. Find the thermal resistance (Rth) in the Thermal Resistance
graph found in the Output section for each model.
Calculate the temperature increase (
ΔT).
ΔT = Rth x Pd
3. Max allowed ambient temperature is:
Max Tp1 -
ΔT.
E.g. PKB 4110C PI at 1m/s:
1. ((
) -
1) × 132 W = 14.7 W
2. 14.7 W × 4.6°C/W = 68°C
3. 125 °C – 68°C = max ambient temperature is 57°C
The actual temperature will be dependent on several factors
such as the PCB size, number of layers and direction of
airflow.
Note 1
P2 is the limiting component (Tp1) used for thermal derating for
PKB4113C. P1 is used for the rest of the modules in the PKB-C family.
1
0.90
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com