Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PKB4113CPI Datasheet(PDF) 35 Page - Ericsson

Part # PKB4113CPI
Description  PKB4000C series Direct Converters
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ERICSSON [Ericsson]
Direct Link  http://www.ericsson.com
Logo ERICSSON - Ericsson

PKB4113CPI Datasheet(HTML) 35 Page - Ericsson

Back Button PKB4113CPI Datasheet HTML 31Page - Ericsson PKB4113CPI Datasheet HTML 32Page - Ericsson PKB4113CPI Datasheet HTML 33Page - Ericsson PKB4113CPI Datasheet HTML 34Page - Ericsson PKB4113CPI Datasheet HTML 35Page - Ericsson PKB4113CPI Datasheet HTML 36Page - Ericsson PKB4113CPI Datasheet HTML 37Page - Ericsson PKB4113CPI Datasheet HTML 38Page - Ericsson PKB4113CPI Datasheet HTML 39Page - Ericsson Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 43 page
background image
Ericsson Internal
PRODUCT SPECIFICATION
3 (6)
Prepared (also subject responsible if other)
No.
ESHUHAN
3/1301-BMR 655 Uen
Approved
Checked
Date
Rev
Reference
SEC/D (Betty Wu)
EZHEWNG
2009-2-13
C
Operating information continued
Parallel Operation
Two converters may be paralleled for redundancy if the total
power is equal or less than PO max. It is not recommended to
parallel the converters without using external current sharing
circuits.
See Design Note 006 for detailed information.
Remote Sense
The DC/DC converters have remote sense that can be used to
compensate for voltage drops between the output and the
point of load. The sense traces should be located close to the
PCB ground layer to reduce noise susceptibility. The remote
sense circuitry will compensate for up to 10% voltage drop
between output pins and the point of load.
If the remote sense is not needed +Sense should be
connected to +Out and -Sense should be connected to -Out.
Over Temperature Protection (OTP)
The converters are protected from thermal overload by an
internal over temperature shutdown circuit.
When Tp1 as defined in thermal consideration section
exceeds 135°C the converter will shut down. The DC/DC
converter will make continuous attempts to start up (non-
latching mode) and resume normal operation automatically
when the temperature has dropped >10°C below the
temperature threshold.
The converters with latching option will shut down the module
when Tp1 exceeds 135°C and remain shut down until the
module restarts by switching on/off the input voltage or
Remote control.
Over Voltage Protection (OVP)
The converters have output over voltage protection that will
shut down the converter in over voltage conditions. The
converter will make continuous attempts to start up (non-
latching mode) and resume normal operation automatically
after removal of the over voltage condition.
The converters with latching option will shut down the module
in over voltage condition and remain shut down until the
converter restarts by switching on/off the input voltage or
Remote control.
Over Current Protection (OCP)
The converters include current limiting circuitry for protection
at continuous overload.
The output voltage will decrease towards 30% of nominal
output voltage for output currents in excess of max output
current (max IO). When reaching 30% of nominal output
voltage the converter will go into hic-up mode. The converter
will resume normal operation after removal of the overload.
The load distribution should be designed for the maximum
output short circuit current specified.
The converters with latching option will shut down the module
when reaching 30% of nominal output voltage and remain shut
down until the converter restarts by switching on/off the input
voltage or Remote control.
Pre-bias Start-up
The converter has a Pre-bias start up functionality. The
converter will sink current in a controlled way during start up if
a pre-bias source is present at the output terminals.
E
PKB4000C series Direct Converters
Input 36-75 V, Output up to 60 A / 144 W
EN/LZT 146 377 R4
D September 2013
© Ericsson AB
Technical Specification
35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com