Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 9Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 10Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 11Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 12Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 13Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 14Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 15Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
12
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Pin No.
Name
Type
Description
30
A4
I
Bit 4 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
31
A5
I
Bit 5 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
32
VCC (1V2)
P
Core power 1.2V input; for normal operation, this
pin must be connected to pin 46. Connect a 0.1uF
decoupling capacitor.
33
A6
I
Bit 6 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
34
A7
I
Bit 7 of the address bus; when not in use, connect to
GND
Input; 3.3V tolerant
35
VCC(I/O)
P
I/O supply voltage; connect a 0.1uF decoupling
capacitor
1.8V, 2.5V or 3.3V
36
DREQ
O
DMA request;
Push-pull output; 3.3V tolerant
37
DACK
I
DMA acknowledge; Internal pull-down.
Input; 3.3V tolerant
38
ALE/ADV_N
I
Address latch enable
Input; 3.3V tolerant
39
CLE
I
Command latch enable
Input; 3.3V tolerant
40
RESET_N
I
Chip reset; Internal pull-up. Input; 3.3V tolerant
41
FREQSEL1
I
Input clock frequency selection pin1
Input; 3.3V tolerant
42
FREQSEL2
I
Input clock frequency selection pin2
Input; 3.3V tolerant
43
AGND
P
Analog Ground
44
X1/CLKIN
AI
Crystal oscillator or clock input; 3.3V peak input
allowed
45
X2
AO
Crystal oscillator output; leave open if an external
clock is applied on pin X1/CLKIN
46
VOUT(1V2)
AO
Internal 1.2V regulator output; connect 4.7uF and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com