Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  FT313HQ-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 4Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 5Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 6Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 7Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
5
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5.2.10
POSTSC register (address = 30h)............................................................................. 27
5.3
Configuration registers ..................................................................... 29
5.3.1
EOTTIME register (address = 34h) ............................................................................... 29
5.3.2
CHIPID register (address = 80h) ................................................................................. 30
5.3.3
HWMODE register (address = 84h) .............................................................................. 30
5.3.4
EDGEINTC register (address = 88h) ............................................................................. 31
5.3.5
SWRESET register (address = 8Ch).............................................................................. 31
5.3.6
MEMADDR register (address = 90h) ............................................................................. 33
5.3.7
DATAPORT register (address = 92h) ............................................................................ 33
5.3.8
DATASESSION register (address = 94h) ....................................................................... 33
5.3.9
CONFIG register (address = 96h) ................................................................................ 33
5.3.10
AUX_MEMADDR register (address = 98h) .................................................................. 35
5.3.11
AUX_DATAPORT register (address = 9Ah) ................................................................. 35
5.3.12
SLEEPTIMER register (address = 9Ch) ...................................................................... 35
5.4
Interrupt registers............................................................................ 35
5.4.1
HCINTSTS register (address = A0h) ............................................................................. 35
5.4.2
HCINTEN register (address = A4h)............................................................................... 37
5.5
USB testing registers ........................................................................ 38
5.5.1
TESTMODE register (address = 50h) ............................................................................ 38
5.5.2
TESTPMSET1 register (address = 70h) ......................................................................... 39
5.5.3
TESTPMSET2 register (address = 74h) ......................................................................... 39
6
Devices Characteristics and Ratings ........................................... 40
6.1
Absolute Maximum Ratings............................................................... 40
6.2
DC Characteristics............................................................................. 41
6.3
AC Characteristics............................................................................. 44
6.4
Timing .............................................................................................. 46
6.4.1
PIO timing ................................................................................................................ 46
6.4.2
DMA timing ............................................................................................................... 52
7
Application Examples ................................................................. 53
7.1
Examples of Bus Interface connection .............................................. 54
7.1.1
16-Bit SRAM asynchronous bus interface ...................................................................... 54
7.1.2
8-Bit SRAM asynchronous bus interface ........................................................................ 54
7.1.3
16-Bit NOR asynchronous bus interface ........................................................................ 55
7.1.4
8-Bit NOR asynchronous bus interface.......................................................................... 55
7.1.5
16-Bit General Multiplex asynchronous bus interface ...................................................... 55
7.1.6
8-Bit General Multiplex asynchronous bus interface........................................................ 56
8
Package Parameters................................................................... 57
8.1
FT313H Package Markings ................................................................ 57
8.1.1
QFN-64 .................................................................................................................... 57
8.1.2
LQFP-64 ................................................................................................................... 58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com