Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
25
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Bit
Name
Type
Default value
Description
the PORTSC change bits.
1
USBERR_INT
R/WC
1’b0
USB Error Interrupt
The host controller sets this bit to ‘1’ when the
completion of a USB transaction results in an
error condition.
0
USB_INT
R/WC
1’b0
USB Interrupt
The host controller sets this bit to ‘1’ upon the
completion of a USB transaction.
Table 5-6 USB status register
5.2.6 USBINTR register (address = 18h)
This register enables and disables reporting of the corresponding interrupt to the software. When a bit is
set and the corresponding interrupt is active, an interrupt is generated to the host. Interrupt sources that
are disabled in this register still appear in the USBSTS to allow the software to poll for events.
Bit
Name
Type
Default value
Description
[31:6]
Reserved
RO
26’h0
-
5
INT_OAA_EN
R/W
1’b0
Interrupt on Async Advance Enable
When this bit is set to ‘1,’ and the Interrupt on
Async Advance bit in the USBSTS register is
set to ‘1’ also, the host controller will issue an
interrupt at the next interrupt threshold.
4
H_SYSERR_EN
R/W
1’b0
Host System Error Enable
When this bit is set to ‘1,’ and the Host
System Error Status bit in the USBSTS register
is set to ‘1’ also, the host controller will issue
an interrupt.
3
FRL_ROL_EN
R/W
1’b0
Frame List Rollover Enable
When this bit is set to ‘1,’ and the Frame List
Rollover bit in the USBSTS register is set to ‘1’
also, the host controller will issue an interrupt.
2
PO_CHG_DET_EN
R/W
1’b0
Port Change Interrupt Enable
When this bit is set to ‘1,’ and the Port Change
Detect bit in the USBSTS register is set to ‘1’
also, the host controller will issue an interrupt.
1
USBERR_INT_EN
R/W
1’b0
USB Error Interrupt Enable
When this bit is set to ‘1,’ and the USBERRINT
bit in the USBSTS register is set to ‘1’ also, the
host controller will issue an interrupt at the
next interrupt threshold.
0
USB_INT_EN
R/W
1’b0
USB Interrupt Enable
When this bit is set to ‘1,’ and the USBINT bit
in the USBSTS register is a set to ‘1’ also, the
host controller will issue an interrupt at the
next interrupt threshold. If set interrupt
threshold to 01h, means that when interrupt
event occurred, the INT signal will be toggled
at once.
Table 5-7 USB interrupt enable register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com