Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 32Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 33Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 34Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 35Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 36Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
33
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5.3.6 MEMADDR register (address = 90h)
Bit
Name
Type
Default value
Description
[15: 0]
START_ADDR_MEM
R/W
16’b0
Start address for memory read / write
Internal 24K RAM memory address from
0x0000 to 0x5FFF.
Used by PIO and DMA.
Table 5-17 Memory address register
5.3.7 DATAPORT register (address = 92h)
Bit
Name
Type
Default value
Description
[15: 0]
DATA_PORT
R/W
16’b0
Data port
Read / write data from / to memory must go
through this port.
Used by PIO and DMA.
Table 5-18 Data port register
5.3.8 DATASESSION register (address = 94h)
Bit
Name
Type
Default value
Description
15
MEM_RW
R/W
1’b0
Memory read or write
0: Write data into memory
1: Read data from memory
Used by PIO and DMA
[14: 0]
DATA_LEN
R/W
15’b0
Data length for memory read or write
Preset the data length for memory read/write.
The max data length is 24K.
Used by PIO and DMA
Table 5-19 Data session length register
5.3.9 CONFIG register (address = 96h)
Bit
Name
Type
Default value
Description
15
BCD_MODE_CTRL
R/W
1’b0
BCD Mode override control
0: External CPE0 and CPE1 pins configuration
take effect.
1: BCD_MODE [1:0] register bits take effect
[14:13]
BCD_MODE[1:0]
R/W
2’b00
BCD Mode setting
00: SDP
Standard downstream port, VBUS
current limit ≥ 500mA.
01: DCP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com