Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FT313HQ-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 4Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 5Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 6Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 7Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
1
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Future Technology Devices
International Ltd.
FT313H
(USB2.0 HS Embedded Host
Controller)
The FT313H is a Hi-Speed Universal
Serial Bus (USB) Host Controller
compatible with Universal Serial Bus
Specification Rev 2.0 and supports
data transfer speeds of up to 480M
bit/s. The FT313H has the following
advanced features:
Single chip USB2.0 Hi-Speed compatible.
Compatible
to
Enhanced
Host
Controller
Interface Specification Rev 1.0.
The USB1.1 host is integrated into the USB2.0
EHCI compatible host controller.
Single USB host port.
Supports data transfer at high-speed (480M
bit/s), full-speed (12M bit/s), and low-speed
(1.5M bit/s).
Supports the Isochronous, Interrupt, Control,
and Bulk transfers.
Supports the split transaction for high-speed
Hub and the preamble transaction for full-
speed Hub.
Supports multiple processor interfaces with 8-
bit or 16-bit bus: SRAM, NOR Flash, and
General multiplex.
Single configurable interrupt (INT) line for host
controller.
Integrated 24kB high speed RAM memory.
Supports DMA operation.
Integrated Phase-Locked Loop (PLL) supports
external 12MHz, 19.2MHz, and 24MHz crystal,
and direct external clock source input.
Low
power
consumption
for
portable
application.
Supports bus interface I/O voltage from 1.62V
to 3.63V.
Supports hybrid power mode; VCC(3V3) is not
present, VCC(I/O) is powered.
Internal voltage regulator supplies 1.2v to the
digital core.
Supports Battery Charging Specification Rev
1.2.
The downstream port can be configured as
SDP, CDP or DCP.
Supports VBUS power switching and over
current control.
-40°C to 85°C extended operating temperature
range.
Available in compact Pb-free 64 Pin QFN, LQFP
and TQFP packages (all RoHS compliant).
Neither the whole nor any part of the information contained in, or the product described in this manual, may be adapted or reproduced
in any material or electronic form without the prior written consent of the copyright holder. This product and its documentation are
supplied on an as-is basis and no warranty as to their suitability for any particular purpose is either made or implied. Future Technology
Devices International Ltd will not accept any claim for damages howsoever arising as a result of use or failure of this product. Your
statutory rights are not affected. This product or any variant of it is not intended for use in any medical appliance, device or system in
which the failure of the product might reasonably be expected to result in personal injury. This document provides preliminary
information that may be subject to change without notice. No freedom to use patents or other intellectual property rights is implied by
the publication of this document. Future Technology Devices International Ltd, Unit 1, 2 Seaward Place, Centurion Business Park, Glasgow
G41 1HH United Kingdom. Scotland Registered Company Number: SC136640


Similar Part No. - FT313HQ-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT313HQ-R FTDI-FT313HQ-R Datasheet
1Mb / 67P
USB2.0 HS Embedded Host Controller
More results

Similar Description - FT313HQ-R

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VNC1L-1A-REEL FTDI-VNC1L-1A-REEL Datasheet
767Kb / 32P
Future Technology Devices International Ltd.
logo
List of Unclassifed Man...
DS_USB-COM422-PLUS1 ETC2-DS_USB-COM422-PLUS1 Datasheet
678Kb / 23P
Future Technology Devices International Ltd
FT232H ETC2-FT232H Datasheet
1Mb / 66P
Future Technology Devices International Ltd
VNC2-32L1B-REEL ETC2-VNC2-32L1B-REEL Datasheet
2Mb / 88P
Future Technology Devices International Ltd
FT232RQ-REEL ETC2-FT232RQ-REEL Datasheet
776Kb / 43P
Future Technology Devices International Ltd.
FT240XQ-R ETC2-FT240XQ-R Datasheet
754Kb / 40P
Future Technology Devices International Ltd
logo
Future Technology Devic...
FT600Q FTDI-FT600Q Datasheet
1Mb / 32P
Future Technology Devices International Ltd.
FT221XS-R FTDI-FT221XS-R Datasheet
984Kb / 45P
Future Technology Devices International Ltd.
FT230XS-R FTDI-FT230XS-R Datasheet
828Kb / 44P
Future Technology Devices International Ltd.
FT231XS-R FTDI-FT231XS-R Datasheet
830Kb / 44P
Future Technology Devices International Ltd.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com