Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 14Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 15Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 16Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 17Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 18Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 19Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 20Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
18
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
4.9 Power management
4.9.1 Power up and reset sequence
When VCC(I/O) and VCC(3V3) are on, an internal regulator will power on with VCC(3V3) on.
An internal POR pulse will be generated during the regulator power on, so that internal circuits
are in reset state until the regulator power is stable.
4.9.2 Power supply
Power supplies are defined in Table 4.4.
Symbol
Typical
Description
VCC(I/O)
1.8V, or 2.5V, or 3.3V
Supply for digital I/O pad
VCC(3V3)
3.3V
Supply for chip
Table 4-4 Power supply
4.9.3 ATX reference voltage
The ATX circuit provides a stable internal voltage reference (+1.2V) to bias the analog
circuitry. This circuit requires an accurate external reference resistor. Connect 12kΩ±1%
resistor between pins RREF and GND.
4.9.4 Power modes
Power management configuration defined in Table 4.5.
For each bit description, see CONFIG register.
OSC_EN
PLL_EN
HC_CLK_EN
Description
1
1
1
Operation mode
0
0
0
Suspend mode
Table 4-5 power management configuration
4.9.4.1 Operation mode
All power supplies are present. Host controller is active.
4.9.4.2 Suspend mode
All power supplies are present. Host controller goes to USB suspend.
The steps for the host suspend are as follows:
1. Clear the RS bit of the USBCMD register to stop the host controller from executing
schedule.
2. Set the PO_SUSP bit of the PORTSC register to force the host controller to go into
suspend.
3. Disable OSC_EN, PLL_EN and HC_CLK_EN bits of the CONFIG register to save power.
4. Clear the U_SUSP_U bit of the EOTTIME register to put the chip into suspend mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com