Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
27
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5.2.10
POSTSC register (address = 30h)
The port status and control register is in the power well. It is only reset by hardware when the power is
initially applied or in response to a host controller reset. The initial conditions of a port are:
No peripheral connected
Port disable
The software must not attempt to change the state of the port until the power is stable on the port. The
host is required to have power stable to the port within 20 milliseconds of the zero to one transition.
When a peripheral device is attached, the port state transitions to the connected state and system
software will process this as with any status change notification.
Bit
Name
Type
Default value
Description
[31:17]
Reserved
RO
15’h0
-
16
TST_FORCEEN
R/W
1’b0
Test Force Enable
When this signal is written as ‘1,’ the
downstream facing port will be enabled in the
high-speed mode. Then the Run/Stop bit must
be transitioned to one in order to enable the
transmission of the SOFs out of the port under
test. This enables testing of the disconnect
detection.
[15:12]
Reserved
RO
4’b0
-
[11:10]
LINE_STS
RO
2’b00
Line Status
These bits reflect the current logical levels of the
D+ and D- signal lines.
Bits[11:10]
USB state
00b
SE0
10b
J-state
01b
K-state
11b
Undefined
9
Reserved
RO
1’b0
-
8
PO_RESET
R/W
1’b0
Port Reset
1 = Port is in the reset state.
0 = Port is not in the reset state.
When the software writes a ‘1’ to this bit, the
bus reset sequence as defined in the USB
specification will start.
Software writes a ‘0’ to this bit to terminate the
bus reset sequence. Software must keep this bit
at a ‘1’ long enough to ensure the reset
sequence.
Note: Reset signal which shall be followed by the
USB2.0 chapter 7.1.7.5 Reset Signal
requirement. If detected HS device, the software
shall wait more than 200us for port reset
clearing. Before setting this bit, RUN/STOP bit
should be set to ‘0.’
7
PO_SUSP
R/W
1’b0
Port Suspend
1 = Port is in the suspend state
0 = Port is not in the suspend state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com