Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 66 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 66 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 59Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 60Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 61Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 62Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 63Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 64Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 65Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 66Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 67Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 66 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
66
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Table 5-16 SW reset register........................................................................................................ 32
Table 5-17 Memory address register ............................................................................................. 33
Table 5-18 Data port register ....................................................................................................... 33
Table 5-19 Data session length register......................................................................................... 33
Table 5-20 DMA configuration register........................................................................................... 35
Table 5-21 AUX Memory address register ...................................................................................... 35
Table 5-22 AUX data port register................................................................................................. 35
Table 5-23 Sleep timer register .................................................................................................... 35
Table 5-24 HC interrupt status register.......................................................................................... 37
Table 5-25 HC interrupt status register.......................................................................................... 38
Table 5-26 Test mode register...................................................................................................... 39
Table 5-28 Test parameter setting 2 register.................................................................................. 39
Table 6-1 Absolute Maximum Ratings ........................................................................................... 40
Table 6-2 Operating Voltage and Current ....................................................................................... 41
Table 6-3 Digital I/O Pin Characteristics (VCC(I/O) = +3.3V, Standard Drive Level) ............................ 41
Table 6-4 Digital I/O Pin Characteristics (VCC(I/O) = +2.5V, Standard Drive Level) ............................ 42
Table 6-5 Digital I/O Pin Characteristics (VCC(I/O) = +1.8V, Standard Drive Level) ............................ 42
Table 6-6 USB I/O Pin (USBDP, USBDM) Characteristics .................................................................. 44
Table 6-7 5V Tolerant Pin (PSW_N, OC_N, VBUS) Characteristics...................................................... 44
Table 6-8 System clock characteristics .......................................................................................... 45
Table 6-9 Analog I/O pins characteristics ....................................................................................... 45
Table 6-11 NOR PIO timing .......................................................................................................... 48
Table 6-12 General Multiplex PIO timing ........................................................................................ 50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com