Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 13Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 14Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 15Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 16Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 17Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 18Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 19Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 20Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
17
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
The DMA controller of the FT313H has only one DMA channel. Therefore, only one DMA read or
DMA write may take place at a time. Assign the DMA transfer length in the Data Session
Length register for each DMA transfer. If the transfer length is larger than the burst counter,
the DREQ signal will de-assert at the end of each burst transfer. DREQ will re-assert at the
beginning of the each burst.
When DMA is transferring data from/to local buffer, if it wants to access local buffer content by
PIO mode, can use auxiliary memory access registers AUX_MEMADDR and AUX_DATAPORT to
read/write data from/to local buffer with single cycle.
For a 16-bit DMA transfer, the minimum burst length is 2 bytes. This means that the burst
length is only one DMA cycle. Therefore, DREQ and DACK will assert and de-assert at each
DMA cycle.
The FT313H will be asserted DMA EOT interrupt to indicate that the DMA transfer has either
successfully completed or terminated.
4.7 EHCI host controller
The FT313H is a one-port EHCI-compatible host controller which supports all the USB 2.0
compliant Low-speed, Full-speed, and High-speed devices and split/preamble transactions for
the HS/FS hub.
The EHCI host controller supports two categories of the transfer types, the periodic and
asynchronous transfer types. The periodic transfer type includes the isochronous and interrupt
transfers, while the asynchronous transfer type includes the control and bulk transfers.
The EHCI host controller has schedule interface that provides to the separate schedules for
each category of the transfer type. The periodic schedule is based on a time-oriented frame list
that represents a slide window of time of the host controller work items. All the ISO and INT
transfers are serviced via the periodic schedule. The asynchronous schedule is a simple circular
list of the schedule work items that provides a round robin service opportunity for all the
asynchronous transfers.
The EHCI host controller contains the Isochronous Transfer Descriptor (iTD), Queue Head (qH)
and Queue Element Transfer Descriptor (qTD), and Split Transaction Isochronous Transfer
Descriptor (siTD) data structure interface to support the isochronous/interrupt/control/bulk
transfers and split transaction.
The EHCI host controller internal buffer memory is 24KB. START_ADDR_MEM register is
allocated from 0x0000 to 0x5FFF.
4.8 System clock
4.8.1 Phase Locked Loop (PLL) clock multiplier
The internal PLL supports 12MHz, 19.2MHz, or 24MHz input, which can be crystal or a clock
already existing in system. The frequency selection can be done using the FREQSEL1 and
FREQSEL2 pins. Table 4.3 provides clock frequency selection.
FREQSEL1
FREQSEL2
Clock Frequency
0
0
12MHz
1
0
19.2MHz
0
1
24MHz
Table 4-3 Clock frequency select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com