Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  FT313HQ-R Datasheet HTML 1Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 2Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 3Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 4Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 5Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 6Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 7Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 8Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
2
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
1 Typical Applications
TV/TV box
Printer
Instrumentation
Media player
Tablet
Set-top box
1.1 Part Numbers
Part Number
Package
FT313HQ-x
64 Pin QFN
FT313HL-x
64 Pin LQFP
FT313HP-x
64 Pin TQFP
Table 1-1 FT313H Numbers
Note: Packaging codes for x is:
-R: Taped and Reel, (QFN is 3000pcs, LQFP is 1000 pcs, TQFP is 2500pcs per reel)
-T: Tray packing, (QFN is 2600pcs, LQFP is 1600 pcs, TQFP is 2500pcs per tray)
For example: FT313HQ-R is 3000 QFN pcs in taped and reel packaging
1.2 USB Compliant
At the time of writing this datasheet, the FT313H was still to complete USB compliance testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com