Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 17Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 18Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 19Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 20Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 21Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
21
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
Address
Register
Reset value
Description
A4h
HCINTEN
0000h
Host controller interrupt enable register
USB testing register
50h
TESTMODE
0000 0000h
Test mode register
70h
TESTPMSET1
0000 0000h
Test parameter setting 1 register
74h
TESTPMSET2
0000 0000h
Test parameter setting 2 register
Table 5-1 Overview of host controller specific registers
5.2 EHCI operational registers
5.2.1 HCCAPLENGTH register (address = 00h)
This register is used as an offset to add to register base to find the beginning of the operational register
space. The high two bytes contain a BCD encoding of the EHCI revision number supported by this host
controller. The most signification byte of this register represents a major revision and the least
signification byte is the minor revision.
Bit
Name
Type
Default value
Description
[31:16]
HCIVERSION
RO
16’h0100
Host Controller Interface Version Number
This register is a 2-byte register containing a
BCD encoding of the EHCI revision number
supported by the host controller.
[15:8]
Reserved
RO
8’h0
-
[7:0]
CAPLENGTH
RO
8’h10
Capability Register Length
This register is used as an offset added to
register base to find out the beginning of the
Operational Register Space.
Table 5-2 Capability register
5.2.2 HCSPARAMS register (address = 04h)
This is a set of fields that are structural parameter: number of downstream ports, etc.
Bit
Name
Type
Default value
Description
[31:4]
Reserved
RO
28’h0
-
[3:0]
N_PORTS
RO
4’h1
Number of Ports
This field specifies the number of the physical
downstream ports implemented on the host
controller.
Table 5-3 Structural parameter register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com