Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT313HQ-R Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # FT313HQ-R
Description  Future Technology Devices International Ltd
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FT313HQ-R Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button FT313HQ-R Datasheet HTML 22Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 23Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 24Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 25Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 26Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 27Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 28Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 29Page - List of Unclassifed Manufacturers FT313HQ-R Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 67 page
background image
Copyright © 2013 Future Technology Devices International Limited
26
Document No.: FT_000589
FT313H USB2.0 HS Host Controller Datasheet Version 1.2
Clearance No.: FTDI# 318
5.2.7 FRINDEX register (address = 1Ch)
This register is used by the host controller to index into the periodic frame. The register updates very 125
microseconds (one each micro-frame).
Bit
Name
Type
Default value
Description
[31:14]
Reserved
RO
28’h0
-
[13:0]
FRINDEX
R/W
14’b0
Frame Index
This register is used by the host controller to
index the frame into the Periodic Frame List. It
updates every 125 microseconds. This register
cannot be written unless the host controller is
at the halted state.
Bits[N:3] are used for Frame List current
index. This means that each location of the
frame list is accessed 8 times before moving
to the next index.
USBCMD[Frame List Size] Number Elements N
00b
(1024)
12
01b
(512)
11
10b
(256)
10
11b
Reserved
Table 5-8 Frame index register
5.2.8 PERIODICLISTADDR register (address = 24h)
This 32-bit register contains the beginning address of the periodic frame list in the system memory.
Bit
Name
Type
Default value
Description
[31:12]
PERI_BASEADR
R/W
20’h0
Periodic Frame List Base Address
This 32-bit register contains the beginning
address of the
Periodic Frame List in the system memory.
These bits correspond to the memory address
signals[31:12].
[11:0]
Reserved
RO
12’b0
-
Table 5-9 Periodic frame list base address register
5.2.9 ASYNCLISTADDR register (address = 28h)
This 32-bit register contains the address of the next asynchronous queue head to be executed.
Bit
Name
Type
Default value
Description
[31:5]
ASYNC_LADR
R/W
27’h0
Current Asynchronous List Address
This 32-bit register contains the address of the
next asynchronous queue head to be
executed. These bits correspond to the
memory address signals [31:5].
[4:0]
Reserved
RO
5’b0
-
Table 5-10 Current asynchronous list address register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com