Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 2 Page - Texas Instruments

  LM4935RLEVAL Datasheet HTML 1Page - Texas Instruments LM4935RLEVAL Datasheet HTML 2Page - Texas Instruments LM4935RLEVAL Datasheet HTML 3Page - Texas Instruments LM4935RLEVAL Datasheet HTML 4Page - Texas Instruments LM4935RLEVAL Datasheet HTML 5Page - Texas Instruments LM4935RLEVAL Datasheet HTML 6Page - Texas Instruments LM4935RLEVAL Datasheet HTML 7Page - Texas Instruments LM4935RLEVAL Datasheet HTML 8Page - Texas Instruments LM4935RLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
1.3
Description
The LM4935 is an integrated audio subsystem that supports both analog and digital audio functions. The
LM4935 includes a high quality stereo DAC, a mono ADC, a multi-purpose SAR ADC, a stereo
headphone amplifier, which supports output cap-less (OCL) or AC-coupled (SE)modes of operation, a
mono earpiece amplifier and a mono high efficiency loudspeaker amplifier. It is designed for demanding
applications in mobile phones and other portable devices.
The LM4935 features a bi-directional I2S serial interface for full range audio and an I2C or SPI compatible
interface for control. The stereo DAC path features an SNR of 88 dB with an 18-bit 48 kHz input. In SE
mode the headphone amplifier delivers at least 33 mWRMS to a 32Ω single-ended stereo load with less
than 1% distortion (THD+N) when A_VDD = 3.3V. The mono earpiece amplifier delivers at least 115
mWRMS to a 32Ω bridged-tied load with less than 1% distortion (THD+N) when A_VDD = 3.3V. The mono
speaker amplifier delivers up to 600 mW into an 8
Ω load with less than 1% distortion when LS_VDD = 3.3V
and up to 1.3W when LS_VDD = 5.0V. The LM4935 also contains a general purpose SAR ADC for
housekeeping duties such as battery and temperature monitoring. This can also be used for analog
volume control of the output stages and can trigger interrupt events.
The LM4935 employs advanced techniques to reduce power consumption, to reduce controller overhead
to speed development time and to eliminate click and pop. Boomer audio power amplifiers were designed
specifically to provide high quality output power with a minimal amount of external components. It is
therefore ideally suited for mobile phone and other low voltage applications where minimal power
consumption, PCB area and cost are primary requirements.
1.4
Key Specifications
Table 1-1.
VALUE
UNIT
PHP (AC-COUP) @ A_VDD = 3.3V, 32Ω, 1% THD
33
mW
PHP (OCL) @ A_VDD = 3.3V, 32Ω, 1% THD
31
mW
PLS @ LS_VDD = 5V, 8Ω, 1% THD
1.3
W
PLS @ LS_VDD = 4.2V, 8Ω, 1% THD
900
mW
BB_VDD = 1.8V to 4.5V,
Supply Voltage Range
D_VDD & PLL_VDD = 2.7V to 4.5V
LS_VDD & A_VDD = 2.7V to 5.5V
PLS @ LS_VDD = 3.3V, 8Ω, 1% THD
600
mW
Shutdown Current
1.1
µA
PSRR @ 217 Hz, A_VDD = 3.3V, (Headphone)
60
dB
SNR (Stereo DAC to AUXOUT)
88
dB (typ)
SNR (Mono ADC from Cell Phone In)
90
dB (typ)
SNR (Aux In to Headphones)
98
dB (typ)
2
1 Introduction
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com