Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 39 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments LM4935RLEVAL Datasheet HTML 40Page - Texas Instruments LM4935RLEVAL Datasheet HTML 41Page - Texas Instruments LM4935RLEVAL Datasheet HTML 42Page - Texas Instruments LM4935RLEVAL Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 91 page
background image
0
24
23
22
21
3
2
1
0
24
23
22
21
3
2
1
0
24
I2S_CLK
I2S_SDO/
I2S_SDI
I2S_WS
Left Word
Right Word
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
4.2.31 AUDIO INTERFACE CONFIGURATION REGISTER
This register is used to control the configuration of the audio data interfaces.
Table 4-31. AUDIO_IF (0x19h)
Bits
Field
Description
1:0
AUDIO_IF_MODE
Selects the function of the 6 audio interface IOs.
AUDIO_IF_MODE
I2S_
I2S_
I2S_
I2S_
GPIO_1
GPIO_2
CLK pin
WS pin
SDI pin
SDO pin
pin
pin
002
I2S
I2S
I2S
I2S
GPIO
GPIO
CLK
WS
SDI
SDO
1
2
012
PCM
PCM
-
PCM
GPIO
GPIO
CLK
SYNC
SDO
1
2
102
PCM
PCM
PCM
PCM
GPIO
GPIO
CLK
SYNC
SDI
SDO
1
2
112
I2S
I2S
I2S
PCM
PCM
PCM
CLK
WS
SDI
SDO
CLK
SYNC
2
I2S_WS_MS
If set the I2S_WS is produced by the LM4935 and the I2S_WS pin will be an output.
3
I2S_CLK_MS
If set the I2S_CLK is produced by the LM4935 and the I2S_CLK pin will be an output.
4
PCM_SYNC_MS
If set the PCM_SYNC is produced by the LM4935 and the relevant pin will be an output.
5
PCM_CLK_MS
If set the PCM_CLK is produced by the LM4935 and the relevant pin will be an output.
7:6
I2S_SDO_DATA
The two ADCs on the LM4935 can both be read via the isochronous I2S interface. The most recent valid
sample is output from the following source: (Please refer to Table 4-32 for more information on
SAR_CH_SEL)
I2S_SDO_DATA
LEFT
RIGHT
002
AUDIO ADC
SAR_CH_SEL
012
SAR VSAR 1
SAR_CH_SEL
102
SAR VSAR 2
SAR_CH_SEL
112
A_VDD/2
SAR_CH_SEL
4.2.32 DIGITAL AUDIO DATA FORMATS
I2S master mode can only be used when the DAC is enabled unless the ADC_I2S_M bit is set. PCM
Master mode can only be used when the ADC is enabled. If the PCM receiver interface is operated in
slave mode the clock and sync should be enabled at the same time as the PCM receiver uses the first
PCM frame to calculate the PCM interface format. This format can not be changed unless a soft reset is
issued. It is strongly recommended that the LM4935 is operated in master mode as this eliminates the risk
of sample rate mismatch between the data converters and the audio interfaces.
In master mode the I2S_CLK has a 60/40 duty cycle and a frequency of 50*fs. In slave mode the PCM
and I2S receivers only record the 1st 16 and 18 bits of the serial words respectively. The I2S format is as
follows:
Figure 4-14. I2S Serial Data Format (Default Mode)
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
39
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com