Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 63 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 63 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 59Page - Texas Instruments LM4935RLEVAL Datasheet HTML 60Page - Texas Instruments LM4935RLEVAL Datasheet HTML 61Page - Texas Instruments LM4935RLEVAL Datasheet HTML 62Page - Texas Instruments LM4935RLEVAL Datasheet HTML 63Page - Texas Instruments LM4935RLEVAL Datasheet HTML 64Page - Texas Instruments LM4935RLEVAL Datasheet HTML 65Page - Texas Instruments LM4935RLEVAL Datasheet HTML 66Page - Texas Instruments LM4935RLEVAL Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 91 page
background image
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.01
0.1
1
10
FREQUENCY (Hz)
0.02
0.2
2
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
20
100
1k
10k 20k
0.001
0.01
0.1
1
10
FREQUENCY (Hz)
0.002
0.02
0.2
2
0.005
0.05
0.5
5
50
200
2k
500
5k
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
(For all performance curves AVDD refers to the voltage applied to the A_VDD and LS_VDD pins.
DVDD refers to the voltage applied to the D_VDD and PLL_VDD pins; AVDD = 3.3V and DVDD = 3.3V
unless otherwise specified. (continued)
INT/EXT MICBIAS PSRR
AUXOUT THD+N
vs Frequency
vs Frequency
AVDD = 5V, MICBIAS = 3.3V
AVDD = 3.3V, 0dB, VOUT = 1VRMS, 5kΩ
Figure 5-103.
Figure 5-104.
AUXOUT THD+N
CPOUT THD+N
vs Frequency
vs Frequency
AVDD = 5V, 0dB, VOUT = 1VRMS, 5kΩ
AVDD = 3.3V, 0dB, VOUT = 1VRMS, 5kΩ
Figure 5-105.
Figure 5-106.
CPOUT THD+N
Earpiece THD+N
vs Frequency
vs Frequency
AVDD = 5V, 0dB, VOUT = 1VRMS, 5kΩ
AVDD = 3.3V, 0dB, POUT = 500mW, 32Ω
Figure 5-107.
Figure 5-108.
Copyright © 2005–2006, Texas Instruments Incorporated
Typical Performance Characteristics
63
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com