Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 6Page - Texas Instruments LM4935RLEVAL Datasheet HTML 7Page - Texas Instruments LM4935RLEVAL Datasheet HTML 8Page - Texas Instruments LM4935RLEVAL Datasheet HTML 9Page - Texas Instruments LM4935RLEVAL Datasheet HTML 10Page - Texas Instruments LM4935RLEVAL Datasheet HTML 11Page - Texas Instruments LM4935RLEVAL Datasheet HTML 12Page - Texas Instruments LM4935RLEVAL Datasheet HTML 13Page - Texas Instruments LM4935RLEVAL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
Electrical Characteristics(1)(2)(3) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2-2 unless otherwise stated. Limits apply for 25°C.
LM4935
Symbol
Parameter
Conditions
Units
Typical(4)
Limit(5)
LOUDSPEAKER AMPLIFIER
PLS
Max Loudspeaker Power
8
Ω load, LS_VDD = 5V
1.3
W
8
Ω load, LS_VDD = 4.2V
0.9
W
8
Ω load, LS_VDD = 3.3V
0.6
0.44
W (min)
LSTHD+N
Loudspeaker Harmonic Distortion
8
Ω load, LS_VDD = 3.3V,
0.4
%
PO = 400mW
LSEFF
Efficiency
0 dB Input
84
%
MCLK = 12.000 MHz
PSRRLS
Power Supply Rejection Ration
AUX inputs terminated
(Loudspeaker)
CBYPASS = 1.0 µF
54
dB
VRIPPLE = 200 mVP-P
fRIPPLE = 217 Hz
SNRLS
Signal to Noise Ratio
From 0 dB Analog AUX input at 1 kHz, A-
76
dB
weighted
eN
Output Noise
A-weighted
350
µV
VOS
Offset Voltage
7
mV
HEADPHONE AMPLIFIER
PHP
Headphone Power
32
Ω load, 3.3V, SE
mW
33
20
(min)
16
Ω load, 3.3V, SE
52
mW
32
Ω load, 3.3V, OCL, VCM = 1.5V
31
mW
32
Ω load, 3.3V, OCL, VCM = 1.2V
20
mW
16
Ω load, 3.3V, OCL, VCM = 1.5V
50
mW
16
Ω load, 3.3V, OCL, VCM = 1.2V
32
mW
AUX inputs terminated
CBYPASS = 1.0 µF
VRIPPLE = 200 mVP-P
fRIPPLE = 217 Hz
Power Supply Rejection Ratio
SE Mode
60
dB
PSRRHP
(Headphones)
OCL Mode
68
dB
VCM = 1.2V
OCL Mode
65
dB
VCM = 1.5V
From 0dB Analog AUX input
A-weighted
SE Mode
98
dB
SNRHP
Signal to Noise Ratio
OCL Mode
97
dB
VCM = 1.2V
OCL Mode
96
dB
VCM = 1.5V
HPTHD+N
Headphone Harmonic Distortion
32
Ω load, 3.3V, PO = 7.5mW
0.05
%
eN
Output Noise
A-weighted
12
µV
ΔACH-CH
Stereo Channel-to-Channel Gain
0.3
dB
Mismatch
SE Mode
61
dB
XTALK
Stereo Crosstalk
OCL Mode
63
dB
EARPIECE AMPLIFIER
PEP
Earpiece Power
32
Ω load, 3.3V
mW
115
100
(min)
16
Ω load, 3.3V
150
mW
10
Electric Specifications
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com