Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 8Page - Texas Instruments LM4935RLEVAL Datasheet HTML 9Page - Texas Instruments LM4935RLEVAL Datasheet HTML 10Page - Texas Instruments LM4935RLEVAL Datasheet HTML 11Page - Texas Instruments LM4935RLEVAL Datasheet HTML 12Page - Texas Instruments LM4935RLEVAL Datasheet HTML 13Page - Texas Instruments LM4935RLEVAL Datasheet HTML 14Page - Texas Instruments LM4935RLEVAL Datasheet HTML 15Page - Texas Instruments LM4935RLEVAL Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
Electrical Characteristics(1)(2)(3) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2-2 unless otherwise stated. Limits apply for 25°C.
LM4935
Symbol
Parameter
Conditions
Units
Typical(4)
Limit(5)
DCI2S_CLK
I2S_CLK Duty Cycle
Min
40
% (min)
Max
60
% (max)
DCI2S_WS
I2S_WS Duty Cycle
50
%
I2C
TI2CSET
I2C Data Setup Time
Refer to Section 4.1.5 for more details
100
ns (min)
TI2CHOLD
I2C Data Hold Time
Refer to Section 4.1.5 for more details
300
ns (min)
SPI
TSPISETENB
Enable Setup Time
100
ns (min)
TSPIHOLD-ENB
Enable Hold Time
100
ns (min)
TSPISETD
Data Setup Time
100
ns (min)
TSPIHOLDD
Data Hold Time
100
ns (min)
TSPICL
Clock Low Time
500
ns (min)
TSPICH
Clock High Time
500
ns (min)
VOLUME CONTROL
Minimum Gain w/ AUX_BOOST OFF
–46.5
dB
Maximum Gain w/ AUX_BOOST OFF
0
dB
VCRAUX
AUX Volume Control Range
Minimum Gain w/ AUX_BOOST ON
–34.5
dB
Maximum Gain w/ AUX_BOOST ON
12
dB
Minimum Gain w/ DAC_BOOST OFF
–46.5
dB
Maximum Gain w/ DAC_BOOST OFF
0
dB
VCRDAC
DAC Volume Control Range
Minimum Gain w/ DAC_BOOST ON
–34.5
dB
Maximum Gain w/ DAC_BOOST ON
12
dB
Minimum Gain
–34.5
dB
VCRCPIN
CPIN Volume Control Range
Maximum Gain
12
dB
Minimum Gain
6
dB
VCRMIC
MIC Volume Control Range
Maximum Gain
36
dB
Minimum Gain
–30
dB
VCRSIDE
SIDETONE Volume Control Range
Maximum Gain
0
dB
SSAUX
AUX VCR Stepsize
1.5
dB
SSDAC
DAC VCR Stepsize
1.5
dB
SSCPIN
CPIN VCR Stepsize
1.5
dB
SSMIC
MIC VCR Stepsize
2
dB
SSSIDE
SIDETONE VCR Stepsize
3
dB
AUDIO PATH GAIN W/ STEREO (bit 6 of 0x00h) ENABLED (AUX_L & AUX_R signals identical and selected onto mixer)
Minimum Gain from AUX input,
–34.5
dB
BOOST OFF
Maximum Gain from AUX input,
12
dB
Loudspeaker Audio Path Gain
BOOST OFF
Minimum Gain from CPI input
–22.5
dB
Maximum Gain from CPI input
24
dB
12
Electric Specifications
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com