Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 3 Page - Texas Instruments

  LM4935RLEVAL Datasheet HTML 1Page - Texas Instruments LM4935RLEVAL Datasheet HTML 2Page - Texas Instruments LM4935RLEVAL Datasheet HTML 3Page - Texas Instruments LM4935RLEVAL Datasheet HTML 4Page - Texas Instruments LM4935RLEVAL Datasheet HTML 5Page - Texas Instruments LM4935RLEVAL Datasheet HTML 6Page - Texas Instruments LM4935RLEVAL Datasheet HTML 7Page - Texas Instruments LM4935RLEVAL Datasheet HTML 8Page - Texas Instruments LM4935RLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 91 page
background image
AUX_OUT
EP_OUT
LS_OUT
BYPASS
HP_VMIDFB
HP_VMID
HPL_OUT
HPR_OUT
VREF_FLT
INT_BIAS
EXT_BIAS
MIC_DET
EXT_MIC
INT_MIC
CP_OUT
CP_IN
PLL_FLT
MCLK
BB_VDD
D_VDD
SCL/SCK
SDA/SDI
TEST_MODE/CS
SPI_MODE
CLK
WS
SDI
SDO
GPIO1
GPIO2
IRQ
VSAR2
VSAR1
AUX_R
AUX_L
POWER
MANAGEMENT
and CONTROL
CLOCKS and
6'_PLL
REGISTERS
I
2
C/SPI
SLAVE
AB
AB
AMP
BIAS
and DET
MIC
BIAS
and DET
BG
AB
AB
AB
DC VOLUME
CONTROL
AUTO GAIN
CONTROL
6'
ADC
6'
DAC
SAR
ADC
-34.5 dB to 12 dB
MIC
-46.5 dB to
12 dB
A_VDD/2
D_VDD/2
BB_VDD
0 dB to
-30 dB
6 dB to
36 dB
D
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
2
Device Information
2.1
LM4935 Overview
Figure 2-1. Conceptual Schematic
Copyright © 2005–2006, Texas Instruments Incorporated
Device Information
3
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com