Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 35 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 35 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments LM4935RLEVAL Datasheet HTML 37Page - Texas Instruments LM4935RLEVAL Datasheet HTML 38Page - Texas Instruments LM4935RLEVAL Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
4.2.25 LS_OUTPUT CONFIGURATION REGISTER
This register is used to control the loudspeaker output. (Note 26)
Table 4-26. LS_OUTPUT (0x14h)
Bits
Field
Description
0
CPI_SELECT
If set the cell phone input channel of the mixer is added to the loudspeaker output signal.
1
RIGHT_SELECT
If set the right channel of the mixer is added to the loudspeaker output signal.
2
LEFT_SELECT
If set the left channel of the mixer is added to the loudspeaker output signal.
3
LS_MUTE
If set the loudspeaker output is muted.
4.2.26 HP_OUTPUT CONFIGURATION REGISTER
This register is used to control the stereo headphone output. (Note 27)
Table 4-27. HP_OUTPUT (0x15h)
Bits
Field
Description
0
SIDETONE_SELECT
If set the sidetone channel of the mixer is added to both of the headphone output signals.
1
CPI_SELECT
If set the cell phone input channel of the mixer is added to both of the headphone output signals.
2
RIGHT_SELECT
If set the right channel of the mixer is added to the headphone output. If the STEREO bit (0x00h) is set,
the right channel is added to the right headphone output signal only. If the STEREO bit (0x00h) is
cleared, it is added to both the right and left headphone output signals.
3
LEFT_SELECT
If set the left channel of the mixer is added to the headphone output. If the STEREO bit (0x00h) is set, the
left channel is added to the left headphone output signal only. If the STEREO bit (0x00h) is cleared, it is
added to both the right and left headphone output signals.
4
HP_MUTE
If set the headphone output is muted.
4.2.27 EP_OUTPUT CONFIGURATION REGISTER
This register is used to control the mono earpiece output. (Note 28)
Table 4-28. EP_OUTPUT (0x16h)
Bits
Field
Description
0
SIDETONE_SELECT
If set the sidetone channel of the mixer is added to the earpiece output signal.
1
CPI_SELECT
If set the cell phone input channel of the mixer is added to the earpiece output signal.
2
RIGHT_SELECT
If set the right channel of the mixer is added to the earpiece output signal.
3
LEFT_SELECT
If set the left channel of the mixer is added to the earpiece output signal.
4
EP_MUTE
If set the earpiece output is muted.
4.2.28 DETECT CONFIGURATION REGISTER
This register is used to control the headset detection system.
Table 4-29. DETECT (0x17h)
Bits
Field
Description
0
DET_INT
If set an IRQ is raised when a change is detected in the headset status. Clearing this bit will clear an IRQ that
has been triggered by the headset detect.
1
BTN_INT
If set an IRQ is raised when the headset button is pressed. Clearing this bit will clear an IRQ that has been
triggered by a button event.
2
TEMP_INT
If set an IRQ is raised during a temperature event. If cleared, the LM4935 will still automatically cycle the
power amplifiers off if the internal temperature is too high. This bit should not be set whenever the
loudspeaker amplifier is turned on. Clearing this bit will clear an IRQ that has been triggered by a temperature
event.
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
35
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com