Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 27 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 27 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 23Page - Texas Instruments LM4935RLEVAL Datasheet HTML 24Page - Texas Instruments LM4935RLEVAL Datasheet HTML 25Page - Texas Instruments LM4935RLEVAL Datasheet HTML 26Page - Texas Instruments LM4935RLEVAL Datasheet HTML 27Page - Texas Instruments LM4935RLEVAL Datasheet HTML 28Page - Texas Instruments LM4935RLEVAL Datasheet HTML 29Page - Texas Instruments LM4935RLEVAL Datasheet HTML 30Page - Texas Instruments LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
4.2.11 ADC_2 CONFIGURATION REGISTER
This register is used to control the LM4935's audio ADC.
Table 4-12. ADC_2 (0x07h)
Bits
Field
Description
0
ULAW/ALAW
If COMPAND is set then the data across the PCM interface to the DAC and from the ADC is companded as
follows:
ULAW/ALAW
Commanding Type
0
µ-law
1
A-law
1
COMPAND
If set the 16 bit PCM data from the ADC is companded before the PCM interface and the PCM data to the
DAC is treated as companded data.
2
ADC_MUTE
If set the analog inputs to the ADC are muted.
5:3
AGC_FRAME_TIME This sets the frame time to be used by the AGC algorithm. In a given frame, the AGC's peak detector
determines the peak value of the incoming microphone audio signal and compares this value to the target
value of the AGC defined by AGC_TARGET (bits [3:1] of register (0x08h)) in order to adjust the microphone
preamplifiers gain accordingly. AGC_FRAME_TIME basically sets the sample rate of the AGC to adjust for a
wide variety of speech patterns. (Note 15)
AGC_FRAME_TIME
Time (ms)
0002
96
0012
128
0102
192
0112
256
1002
384
1012
512
1102
768
1112
1000
6
ADC_I2S_M
If set the DAC clock system is enabled to drive the I2S in master mode. The Point B frequency should be
double that at Point C. This bit should be set when using the I2S interface in master mode to read SAR
information whenever both the audio ADC and DAC are inactive.
7
AUDIO_IF_2_16BIT
If set the PCM and I2S interfaces are 16 bits per word in master mode. The 2 last clock cycles per word are
25% shorter to allow generation.
4.2.12 AGC_1 CONFIGURATION REGISTER
This register is used to control the LM4935's Automatic Gain Control. (Note 16)
Table 4-13. AGC_1 (0x08h)
Bits
Field
Description
0
AGC_ENABLE
If set the AGC controls the analog microphone preamplifier gain into the system. The microphone input must
be passed to the ADC.
3:1
AGC_TARGET
Programs the target level of the AGC. This will depend on the expected transients and desired headroom.
Refer to AGC_TIGHT (bit 7 of 0x09h) for more detail.
AGC_TARGET
Target Level
0002
−6 dB
0012
−8 dB
0102
−10 dB
0112
−12 dB
1002
−14 dB
1012
−16 dB
1102
−18 dB
1112
−20 dB
Copyright © 2005–2006, Texas Instruments Incorporated
Application Information
27
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com