Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 9Page - Texas Instruments LM4935RLEVAL Datasheet HTML 10Page - Texas Instruments LM4935RLEVAL Datasheet HTML 11Page - Texas Instruments LM4935RLEVAL Datasheet HTML 12Page - Texas Instruments LM4935RLEVAL Datasheet HTML 13Page - Texas Instruments LM4935RLEVAL Datasheet HTML 14Page - Texas Instruments LM4935RLEVAL Datasheet HTML 15Page - Texas Instruments LM4935RLEVAL Datasheet HTML 16Page - Texas Instruments LM4935RLEVAL Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
Electrical Characteristics(1)(2)(3) (continued)
Unless otherwise stated PLL_VDD = 3.3V, D_VDD = 3.3V, BB_VDD = 1.8V, A_VDD = 3.3V, LS_VDD = 3.3V. The following
specifications apply for the circuit shown in Figure 2-2 unless otherwise stated. Limits apply for 25°C.
LM4935
Symbol
Parameter
Conditions
Units
Typical(4)
Limit(5)
Minimum Gain from AUX input,
–52.5
dB
BOOST OFF
Maximum Gain from AUX input,
–6
dB
BOOST OFF
Minimum Gain from CPI input
–40.5
dB
Headphone Audio Path Gain
Maximum Gain from CPI input
6
dB
Minimum Gain from MIC input using
–30
dB
SIDETONE path w/ VCRMIC gain = 6dB
Maximum Gain from MIC input using
0
dB
SIDETONE path w/ VCRMIC gain = 6dB
Minimum Gain from AUX input,
–40.5
dB
BOOST OFF
Maximum Gain from AUX input,
6
dB
BOOST OFF
Minimum Gain from CPI input
–28.5
dB
Earpiece Audio Path Gain
Maximum Gain from CPI input
18
dB
Minimum Gain from MIC input using
–18
dB
SIDETONE path w/ VCRMIC gain = 6dB
Maximum Gain from MIC input using
12
dB
SIDETONE path w/ VCRMIC gain = 6dB
Minimum Gain from AUX input,
–46.5
dB
BOOST OFF
Maximum Gain from AUX input,
0
dB
AUXOUT Audio Path Gain
BOOST OFF
Minimum Gain from CPI input
–34.5
dB
Maximum Gain from CPI input
12
dB
Minimum Gain from AUX input,
–46.5
dB
BOOST OFF
Maximum Gain from AUX input,
0
dB
CPOUT Audio Path Gain
BOOST OFF
Minimum Gain from MIC input
6
dB
Maximum Gain from MIC input
36
dB
Total DC Power Dissipation
DAC (fS = 48kHz) and HP ON
fMCLK = 12MHz, PLL OFF
57
mW
fMCLK = 13MHz, PLL ON
MP3 Mode Power Dissipation
63
mW
fPLLOUT = 12MHz
fMCLK = 19.2MHz, PLL ON
64
mW
fPLLOUT = 12MHz
AUX Inputs selected and HP ON
fMCLK = 12MHz, PLL OFF
24
mW
FM Mode Power Dissipation
fMCLK = 13MHz, PLL OFF
25
mW
fMCLK = 19.2MHz, PLL OFF
27
mW
PCM DAC (fS = 8kHz) + ADC (fS = 8kHz)
and EP ON
fMCLK = 12MHz, PLL OFF
49
mW
VOICE CODEC Mode Power
Dissipation
fMCLK = 13MHz, PLL OFF
50
mW
fMCLK = 19.2MHz, PLL ON
56
mW
fPLLOUT = 12MHz
Copyright © 2005–2006, Texas Instruments Incorporated
Electric Specifications
13
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com