Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 1 Page - Texas Instruments

  LM4935RLEVAL Datasheet HTML 1Page - Texas Instruments LM4935RLEVAL Datasheet HTML 2Page - Texas Instruments LM4935RLEVAL Datasheet HTML 3Page - Texas Instruments LM4935RLEVAL Datasheet HTML 4Page - Texas Instruments LM4935RLEVAL Datasheet HTML 5Page - Texas Instruments LM4935RLEVAL Datasheet HTML 6Page - Texas Instruments LM4935RLEVAL Datasheet HTML 7Page - Texas Instruments LM4935RLEVAL Datasheet HTML 8Page - Texas Instruments LM4935RLEVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 91 page
background image
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
LM4935 Boomer™ Audio Power Amplifier Series Audio Sub-System with Dual-Mode
Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
ADC
Check for Samples: LM4935, LM4935RLEVAL
1
1 Introduction
1.1
Features
123
• 18-Bit Stereo DAC
• 115 mW Earpiece Amplifier at 3.3V
• 16-Bit Mono ADC
• Differential Audio I/O for External Cellphone
Module
• 12-Bit 4 Input Multipurpose SAR ADC
• Mono Differential Auxiliary Output
• 8 kHz to 48 kHz Stereo Audio Playback
• Stereo Auxiliary Inputs
• 8 kHz to 48 kHz Mono Recording
• Differential Microphone Input for Internal
• 1 Hz to 13.888 kHz Sample Rate on all 4 SAR
Microphone
Channels
• Flexible Audio Routing from Input to Output
• Bidirectional PCM/I2S Compatible Audio
Interface
• 32 Step Volume Control for Mixers with 1.5 dB
Steps
• Sigma-Delta PLL for Operation from any Clock
at any Sample Rate
• 16 Step Volume Control for Microphone in 2 dB
Steps
• Low Power Clock Network Operation if 12 MHz
System Clock is Available
• Programmable Sidetone Attenuation in 3 dB
Steps
• Read/write I2C or SPI Compatible Control
Interface
• DC Volume Control
• 33mW Stereo Headphone Amplifier at 3.3V
• Two Configurable GPIO Ports
• OCL or AC-coupled Headphone Operation
• Programmable Voltage Triggers on SAR
Channels
• Automatic Headphone & Microphone Detection
• Multi-function IRQ Output
• Support for Internal and External Microphones
• Micro-power Shutdown Mode
• Automatic Gain Control for Microphone Input
• Available in the 4 x 4 mm 49-Bump DSBGA
• High Efficiency BTL 8
Ω Amplifier, 600 mW @
Package
3.3V
1.2
Applications
•
Smartphones
•
Mobile Phones and Multimedia Terminals
•
PDAs, Internet Appliances and Portable Gaming
•
Portable DVD/CD/AAC/MP3 Players
•
Digital Cameras/Camcorders
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Boomer is a trademark of Texas Instruments.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date. Products conform to
Copyright © 2005–2006, Texas Instruments Incorporated
specifications per the terms of the Texas Instruments standard warranty. Production
processing does not necessarily include testing of all parameters.


Similar Part No. - LM4935RLEVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4935RL/NOPB TI1-LM4935RL/NOPB Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM4935RLX/NOPB TI1-LM4935RLX/NOPB Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
More results

Similar Description - LM4935RLEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4935 NSC-LM4935 Datasheet
4Mb / 112P
Audio Sub-System with Dual-Mode Stereo Headphone and Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM49120 NSC-LM49120 Datasheet
721Kb / 28P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 TI1-LM4930 Datasheet
1Mb / 40P
Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
LM4935 TI1-LM4935 Datasheet
2Mb / 90P
Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose ADC
LM49120 TI1-LM49120 Datasheet
1Mb / 29P
Audio Sub-System with Mono Class AB Loudspeaker Amplifier and Stereo OCL/SE Headphone Amplifier
LM49321 TI1-LM49321 Datasheet
1Mb / 45P
Audio Sub-System with Stereo DAC, Mono Class AB Loudspeaker Amplifier, OCL/SE Stereo Headphone Output and RF Suppression
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com