Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 53 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 53 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 49Page - Texas Instruments LM4935RLEVAL Datasheet HTML 50Page - Texas Instruments LM4935RLEVAL Datasheet HTML 51Page - Texas Instruments LM4935RLEVAL Datasheet HTML 52Page - Texas Instruments LM4935RLEVAL Datasheet HTML 53Page - Texas Instruments LM4935RLEVAL Datasheet HTML 54Page - Texas Instruments LM4935RLEVAL Datasheet HTML 55Page - Texas Instruments LM4935RLEVAL Datasheet HTML 56Page - Texas Instruments LM4935RLEVAL Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 91 page
background image
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
20
100
1k
10k
100k
FREQUENCY (Hz)
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
50
500
5k
50k
20k
200
2k
LM4935, LM4935RLEVAL
www.ti.com
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
(For all performance curves AVDD refers to the voltage applied to the A_VDD and LS_VDD pins.
DVDD refers to the voltage applied to the D_VDD and PLL_VDD pins; AVDD = 3.3V and DVDD = 3.3V
unless otherwise specified. (continued)
AUXOUT PSRR vs Frequency
AUXOUT PSRR vs Frequency
AVDD = 3.3V, 0dB DAC
AVDD = 5V, 0dB DAC
(DAC inputs selected)
(DAC inputs selected)
Figure 5-43.
Figure 5-44.
CPOUT PSRR vs Frequency
CPOUT PSRR vs Frequency
AVDD = 3.3V, 0dB AUX
AVDD = 5V, 0dB AUX
(AUX inputs terminated)
(AUX inputs terminated)
Figure 5-45.
Figure 5-46.
CPOUT PSRR vs Frequency
CPOUT PSRR vs Frequency
AVDD = 3.3V, 0dB DAC
AVDD = 5V, 0dB DAC
(DAC inputs selected)
(DAC inputs selected)
Figure 5-47.
Figure 5-48.
Copyright © 2005–2006, Texas Instruments Incorporated
Typical Performance Characteristics
53
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com