Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4935RLEVAL Datasheet(PDF) 32 Page - Texas Instruments

Part # LM4935RLEVAL
Description  Audio Power Amplifier Series Audio Sub-System with Dual-Mode Stereo Headphone & Mono High Efficiency Loudspeaker Amplifiers and Multi-Purpose
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4935RLEVAL Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM4935RLEVAL Datasheet HTML 28Page - Texas Instruments LM4935RLEVAL Datasheet HTML 29Page - Texas Instruments LM4935RLEVAL Datasheet HTML 30Page - Texas Instruments LM4935RLEVAL Datasheet HTML 31Page - Texas Instruments LM4935RLEVAL Datasheet HTML 32Page - Texas Instruments LM4935RLEVAL Datasheet HTML 33Page - Texas Instruments LM4935RLEVAL Datasheet HTML 34Page - Texas Instruments LM4935RLEVAL Datasheet HTML 35Page - Texas Instruments LM4935RLEVAL Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 91 page
background image
LM4935, LM4935RLEVAL
SNAS296D – OCTOBER 2005 – REVISED MARCH 2006
www.ti.com
In OCL mode there is a trade-off between the external microphone supply voltage (EXT_MIC_BIAS -
OCL_VCM_ VOLTAGE) and the maximum output power possible from the headphones. A lower
OCL_VCM_VOLTAGE gives a higher microphone supply voltage but a lower maximum output power from
the headphone amplifiers due to the lower OCL_VCM_VOLTAGE - A_VSS.
Table 4-18. External MIC Supply Voltages in OCL Mode
Available
Recommended
Supply to Microphone
A_VDD
EXT_MIC_BIAS
OCL_VCM_VOLT = 1.5V
OCL_VCM_VOLT = 1.2V
> 3.4V
3.3V
1.8V
2.1V
2.9V to 3.4V
2.8V
1.3V
1.6V
2.8V to 2.9V
2.5V
1.0V
1.3V
2.7V to 2.8V
2.5V
-
1.3V
4.2.18 SIDETONE ATTENUATION REGISTER
This register is used to control the analog sidetone attenuation. (Note 20)
Table 4-19. SIDETONE (0x0Dh)
Bits
Field
Description
3:0
SIDETONE_
Programs the attenuation applied to the microphone preamp output to produce a sidetone signal.
ATTEN
SIDETONE_ATTEN
Attenuation
00002
-Inf
00012
−30 dB
00102
−27 dB
00112
−24 dB
01002
−21 dB
01012 to 10102
−18 dB to −3 dB
10112 to 11112
0 dB
4.2.19 CP_INPUT CONFIGURATION REGISTER
This register is used to control the differential cell phone input.
Table 4-20. CP_INPUT (0x0Eh)
Bits
Field
Description
4:0
CPI_LEVEL
Programs the gain/attenuation applied to the cell phone input.
CPI_LEVEL
Level
000002
−34.5 dB
000012
−33 dB
000102
−31.5 dB
000112
−30 dB
00100 to 111002
−28.5 dB to +7.5 dB
111012
+9 dB
111102
+10.5 dB
111112
+12 dB
5
CPI_MUTE
If set the CPI input is muted at source.
32
Application Information
Copyright © 2005–2006, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: LM4935 LM4935RLEVAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com