Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TEF6894H Datasheet(PDF) 38 Page - NXP Semiconductors

Part # TEF6894H
Description  Car radio integrated signal processor
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEF6894H Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button TEF6894H Datasheet HTML 34Page - NXP Semiconductors TEF6894H Datasheet HTML 35Page - NXP Semiconductors TEF6894H Datasheet HTML 36Page - NXP Semiconductors TEF6894H Datasheet HTML 37Page - NXP Semiconductors TEF6894H Datasheet HTML 38Page - NXP Semiconductors TEF6894H Datasheet HTML 39Page - NXP Semiconductors TEF6894H Datasheet HTML 40Page - NXP Semiconductors TEF6894H Datasheet HTML 41Page - NXP Semiconductors TEF6894H Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 55 page
background image
2003 Oct 21
38
Philips Semiconductors
Product specification
Car radio integrated signal processor
TEF6894H
Table 44 Description of data byte CH, see Figs 16 to 19
Table 45 Loudness gain
BIT
SYMBOL
DESCRIPTION
7
−
Not used. Set to logic 0.
6 to 2
LDN[4:0]
Loudness gain. See Table 45.
1
LLF
Loudness low boost frequency. 0 = 50 Hz; 1 = 100 Hz.
0
LHB
Loudness high boost enable. 0 = loudness low boost is enabled; 1 = loudness low
boost and loudness high boost are enabled.
LDN4
LDN3
LDN2
LDN1
LDN0
LOUDNESS CONTROL (dB)
00000
0
00001
−1
00010
−2
:::::
:
10010
−18
10011
−19
10100
−20
handbook, full pagewidth
−24
−20
−16
−12
−8
−4
−22
−18
−14
−10
−6
−2
6
4
2
0
MHC343
10
Gloudness
(dB)
faudio (Hz)
102
103
104
105
Fig.16 Loudness gain Gloudness as a function of audio frequency faudio;
low boost frequency 50 Hz and high boost on.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com